Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2990 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2990
Description  LM2990 Negative Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2990 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2990 Datasheet HTML 5Page - Texas Instruments LM2990 Datasheet HTML 6Page - Texas Instruments LM2990 Datasheet HTML 7Page - Texas Instruments LM2990 Datasheet HTML 8Page - Texas Instruments LM2990 Datasheet HTML 9Page - Texas Instruments LM2990 Datasheet HTML 10Page - Texas Instruments LM2990 Datasheet HTML 11Page - Texas Instruments LM2990 Datasheet HTML 12Page - Texas Instruments LM2990 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM2990
www.ti.com
SNVS093D – JUNE 1999 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Maximum Power
Maximum Power Dissipation
Dissipation (TO-220)
(TO-263)(1)
Figure 23.
Figure 24.
(1)
The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJmax − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 125°C, and the LM2990 will
eventually go into thermal shutdown at a TJ of approximately 160°C. For the LM2990, the junction-to-ambient thermal resistance, is
53°C/W, 73°C/W for the DDPAK/TO-263, and the junction-to-case thermal resistance is 3°C. If the DD[AK/TO-263 package is used, the
thermal resistance can be reduced by increasing the P.C. board copper area thermally connected to the package. Using 0.5 square
inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is 37°C/W; and with 1.6 or more square inches of copper
area,
θJA is 32°C/W.
Typical Applications
Figure 25. Post Regulator for an Isolated Switching Power Supply
The LM2940 is a positive 1A low dropout regulator; refer to its datasheet for further information.
Figure 26. Fixed Current Sink
Figure 27. Adjustable Current Sink
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2990


Similar Part No. - LM2990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Texas Instruments
LM2990 TI-LM2990 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990-5.0MD8 TI1-LM2990-5.0MD8 Datasheet
456Kb / 12P
[Old version datasheet]   LM2990QML Negative Low Dropout Regulator
LM2990-5.0MW8 TI1-LM2990-5.0MW8 Datasheet
456Kb / 12P
[Old version datasheet]   LM2990QML Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990J-12-QML NSC-LM2990J-12-QML Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
More results

Similar Description - LM2990

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5 TI1-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com