Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3414MR Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3414MR
Description  1A 60W Common Anode Capable Constant Current Buck LED Driver Requires No
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3414MR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3414MR Datasheet HTML 5Page - Texas Instruments LM3414MR Datasheet HTML 6Page - Texas Instruments LM3414MR Datasheet HTML 7Page - Texas Instruments LM3414MR Datasheet HTML 8Page - Texas Instruments LM3414MR Datasheet HTML 9Page - Texas Instruments LM3414MR Datasheet HTML 10Page - Texas Instruments LM3414MR Datasheet HTML 11Page - Texas Instruments LM3414MR Datasheet HTML 12Page - Texas Instruments LM3414MR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ILED =
3125 x 10
3
RIADJ
mA
fSW =
20 x 10
6
RFS
kHz
LM3414, LM3414HV
www.ti.com
SNVS678E – JUNE 2010 – REVISED MAY 2013
APPLICATION INFORMATION
SETTING THE SWITCHING FREQUENCY
Both the LM3414 and LM3414HV are PWM LED drivers that contain a clock generator to generate constant
switching frequency for the device. The switching frequency is determined by the resistance of an external
resistor RFS in the range of 250 kHz to 1 MHz. Lower resistance of RFS results in higher switching frequency. The
switching frequency of the LM3414/14HV is governed by the following equation:
(1)
Figure 14. Switching Frequency vs RFS
Table 1. Examples for fSW Settings
fSW (kHz)
RFS (kΩ)
250
80
500
40
1000
20
To ensure accurate current regulation, the LM3414/14HV should be operated in continuous conduction mode
(CCM) and the on time should not be shorter than 400 ns under all operation condition.
SETTING LED CURRENT
The LM3414/14HV requires no external current sensing resistor for LED current regulation. The average output
current of the LM3414/14HV is adjustable by varying the resistance of the resistor, RIADJ that connects across the
IADJ and GND pins. The IADJ pin is internally biased to 1.255V. The LED current is then governed by the
following equation:
where
350 mA < ILED < 1A
(2)
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3414 LM3414HV


Similar Part No. - LM3414MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414MR NSC-LM3414MR Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414MR TI1-LM3414MR Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414MR/NOPB TI1-LM3414MR/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
National Semiconductor ...
LM3414MRX NSC-LM3414MRX Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414MRX TI1-LM3414MRX Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
More results

Similar Description - LM3414MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3414 NSC-LM3414 Datasheet
401Kb / 20P
   1A 60W* Common Anode Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
LM3414 TI1-LM3414 Datasheet
1Mb / 32P
[Old version datasheet]   60-W Common Anode-Capable Constant Current Buck LED Driver Requires No External Current Sensing Resistor
logo
Mean Well Enterprises C...
LPFH-60D MEANWELL-LPFH-60D Datasheet
131Kb / 8P
   60W Constant Current LED Driver
LPFH-60 MEANWELL-LPFH-60 Datasheet
107Kb / 6P
   60W Constant Voltage Constant Current LED Driver
logo
MY-SEMI INC.
MY8103 MY-SEMI-MY8103 Datasheet
502Kb / 17P
   65V 1A Common Anode Capable LED Driver With Internal Switch and Wide-Range Current Sense
Mar. 2015 Ver. 0.6
logo
Shenzhen Huazhimei Semi...
HM9804 HMSEMI-HM9804 Datasheet
803Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
List of Unclassifed Man...
XL8004 ETC2-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
logo
Texas Instruments
TPS92511 TI1-TPS92511 Datasheet
1Mb / 31P
[Old version datasheet]   500-mA, 65-V Common Anode Constant Current Buck LED Driver Without External Current Sensing Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com