Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5055-18 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5055-18
Description  PHASE ADJUSTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5055-18 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5055-18 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5055-18 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 5055-18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50555-7012 MOLEX7-50555-7012 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size 10(M5), Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
50555-7112 MOLEX7-50555-7112 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size1/4" (M6), Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
50555-7212 MOLEX7-50555-7212 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 29.50mm (1.161")
50555-7312 MOLEX7-50555-7312 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10,Oxygen-Free Copper, Length 29.50mm (1.161")
50555-7412 MOLEX7-50555-7412 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size 8 (M4 Oxygen-Free Copper, Width 12.00mm (.472"), Length 23.50mm (.925")
More results

Similar Description - 5055-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P951 ETC2-P951 Datasheet
94Kb / 1P
   SMP FEMALE TO SMP FEMALE PHASE ADJUSTER
3999 ETC2-3999 Datasheet
106Kb / 1P
   SSMA MALE PHASE ADJUSTER STRAIGHT TO SEMI-RIGID CABLE
P857 ETC2-P857 Datasheet
82Kb / 1P
   SMP FEMALE STRAIGHT PHASE ADJUSTER TO SEMI-RIGID CABLE
logo
Omron Electronics LLC
EE-SY671 OMRON-EE-SY671 Datasheet
430Kb / 7P
   Reflective Photomicrosensor with Sensitivity Adjuster
logo
List of Unclassifed Man...
5996 ETC2-5996 Datasheet
170Kb / 3P
   PHASE ADJUSTER ADAPTER SMA FEMALE TO SMA MALE W/MOUNTING BRACKET
logo
Molex Electronics Ltd.
69008-0972 MOLEX11-69008-0972 Datasheet
37Kb / 1P
   Adjuster Wheel for Parallel Action Handtool
0690080972 MOLEX11-0690080972 Datasheet
37Kb / 1P
   Adjuster Wheel for Parallel Action Handtool
logo
PHOENIX CONTACT
2942137 PHOENIX-2942137 Datasheet
73Kb / 4P
   Setpoint adjuster - EMG 30-SPK-10K LIN
logo
List of Unclassifed Man...
5117 ETC2-5117 Datasheet
115Kb / 1P
   PHADE ADJUSTER ADAPTER SMA FEMALE TO SMA FEMALE W/MOUNTING BRACKET
logo
Omron Electronics LLC
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
   Three-phase Phase-sequence Phase-loss Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com