Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRLR3114ZTRR Datasheet(PDF) 5 Page - International Rectifier

Part # AUIRLR3114ZTRR
Description  Advanced Process Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR3114ZTRR Datasheet(HTML) 5 Page - International Rectifier

  AUIRLR3114ZTRR Datasheet HTML 1Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 2Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 3Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 4Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 5Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 6Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 7Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 8Page - International Rectifier AUIRLR3114ZTRR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AUIRLR/U3114Z
www.irf.com
5
Fig 8.
Maximum Safe Operating Area
Fig 6.
Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5.
Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7.
Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
1020304050
QG, Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 32V
VDS= 20V
VDS= 8.0V
ID= 42A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
10000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100μsec
1msec
10msec
DC


Similar Part No. - AUIRLR3114ZTRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRLR3114ZTRL INFINEON-AUIRLR3114ZTRL Datasheet
712Kb / 12P
   AUTOMOTIVE GRADE
2015-10-29
More results

Similar Description - AUIRLR3114ZTRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com