Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERO610RJ4150M Datasheet(PDF) 2 Page - Kemet Corporation

Part # ERO610RJ4150M
Description  Ceramic AC Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERO610RJ4150M Datasheet(HTML) 2 Page - Kemet Corporation

  ERO610RJ4150M Datasheet HTML 1Page - Kemet Corporation ERO610RJ4150M Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
ARTICLE TABLE
APPROVALS/REFERENCE DOCUMENTS
VDE
EN 132400
40001990
UL
UL 1414 (U
R = 250 VAC)
E73869
CSA
C 22.2 No. 1-M90 (U
R=250 VAC)
216038
(cUL recognition)
ORDERING INFORMATION
Article code
1st block
2nd block
See article table
See separate brochure:
Pos. 13 Capacitance tolerance code:
Ceramic Disc, EMI and Safety Capacitors,
M = ± 20% standard
General information
Page 5
See article table and page 19 in the
KEMET Film Capacitors 2003 catalogue. For
options, see Ceramic Disc, EMI and Safety Capacitors, General information, Page 5.
PACKING
The box dimensions for bulk packaging
are 245 x 145 x 80 mm. Quantity/package
as per article table.
Reels with taped capacitors are packed
10 in a box with dimension 370 x 370 x
560 mm. Quantity/reel according to article
table. The standard quantity/reel is for
360 mm reel. If 500 mm reel is required,
it must be specified when ordering and
the quantity is 2 x the given quantity.
MARKING
3.3 nF to 12 nF
1 nF to 2.5 nF
All approval marks are also shown on the
label.
DATA SHEET ERO610
Specifications subject to change
without notice
©
KEMET 2011
ERO610
Quantity per package
Capaci-
tance
D x s Max
p±1*
d±0.05*
V±0.5*
Article code
Ceramic
pF
(mm)
(mm)
(mm)
(mm)
1 st block
dielectric
1000
6.5 x 4.5 5
0.6
1.4
ERO610RJ4100M
K 4000
1500
8.0 x 4.5 5
0.6
1.4
ERO610RJ4150M
K 4000
1800
8.0 x 4.5 5
0.6
1.4
ERO610RJ4180M
K 4000
2200
9.0 x 4.5 5
0.6
1.4
ERO610RJ4220M
K 4000
2500
9.0 x 4.5 5
0.6
1.4
ERO610RJ4250M
K 4000
3300
10.0 x 4.5 7.5
0.6
1.4
ERO610RK4330M
K 4000
4700
12.0 x 4.5 7.5
0.6
1.4
ERO610RK4470M
K 4000
5000
12.0 x 4.5 7.5
0.6
1.4
ERO610RK4500M
K 4000
6800
17.0 x 4.5 7.5
0.6
1.6
ERO610RK4680M
K 4000
8200
17.0 x 4.5 7.5
0.6
1.6
ERO610RK4820M
K 4000
10000
21.0 x 4.5 7.5
0.6
1.6
ERO610RK5100M
K 4000
12000
21.0 x 4.5 7.5
0.6
1.6
ERO610RK5120M
K 4000
* Standard lead configuration, other lead spacing and diameter available on request.
440~X1
ERO 2n2 M
250~Y2
ERO 4n7 M
IEC 384-14/2
440 250 250~
X1 Y2 c � us


Similar Part No. - ERO610RJ4150M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
ERO-S2PHF3301 PANASONIC-ERO-S2PHF3301 Datasheet
116Kb / 4P
   Metal Film Resistors
ERO25 PANASONIC-ERO25 Datasheet
116Kb / 4P
   Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
ERO25C PANASONIC-ERO25C Datasheet
116Kb / 4P
   Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
ERO25CHD1002 PANASONIC-ERO25CHD1002 Datasheet
116Kb / 4P
   Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
More results

Similar Description - ERO610RJ4150M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610 KEMET-ERP610 Datasheet
1Mb / 2P
   Ceramic AC Capacitors
ERK610 KEMET-ERK610 Datasheet
721Kb / 2P
   Ceramic AC Capacitors
logo
Vishay Siliconix
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
   CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Vishay Siliconix
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
logo
M-System Co.,Ltd.
AY1 MSYSTEM-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
logo
RFE international
5-KLF472MAC2K510Y5 RFE-5-KLF472MAC2K510Y5 Datasheet
3Mb / 8P
   Ceramic Capacitors CLASS 5 Series: AC X1Y1 & X1Y2
21-JUL-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com