Electronic Components Datasheet Search |
|
FBNAB2470ZF000 Datasheet(PDF) 5 Page - Kemet Corporation |
|
FBNAB2470ZF000 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 5 page IEC Inlet Filters FB series High current modules Compact, high current chassis mount IEC 60320 inlet power entry module, available in standard of medical design formats. The unit provides excellent performance to size characteristics for use in a variety of higher power applications, from industrial equipment and telecoms base stations to test instrumentation and vending machines. • High current rating - 16A • High performance to size ratio • Compact and lightweight • Medical versions available • IEC 950 comliant Mechanical Specifications Manufacture: metal case with built-in power line connector according to IEC 60320 & EN 60320. Connections: IEC 60320 - 16A plug (INPUT); 6.3 x 0.8mm (OUTPUT); ground terminal connected to case. Code I R (A) L (mH) Cx 1 (µF) Cy (pF) I L (mA) FBNAB3330ZJ110 16 2x0.5 0.33 2x2200 2x0.2 FBNMB3330ZJ110 16 2x0.5 0.33 - - A = Standard version M = Medical version * other variants on request Electrical Specifications Rated voltage (V R): max 250V, 50/60Hz Rated current (I R): referred to room temperature = 40°C Leakage current (I L): at 250V, 50Hz, max value Voltage test (2 s.): line to ground 3000Vdc or 1800Vac line to line 1700Vdc Climatic category: HMF (25/085/21); Temperature range: -25°C to +85°C Approvals Made in accordance to VDE, UL and CSA requirements 11/2009 5 Filter Range Insertion loss (typical): Asymmetrical (line to ground) - - - Symmetrical (line to line) ... 3330ZJ FBN 16A type |
Similar Description - FBNAB2470ZF000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |