Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S501LF357V2R7U Datasheet(PDF) 4 Page - Kemet Corporation

Part # S501LF357V2R7U
Description  Snap-In Supercapacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S501LF357V2R7U Datasheet(HTML) 4 Page - Kemet Corporation

  S501LF357V2R7U Datasheet HTML 1Page - Kemet Corporation S501LF357V2R7U Datasheet HTML 2Page - Kemet Corporation S501LF357V2R7U Datasheet HTML 3Page - Kemet Corporation S501LF357V2R7U Datasheet HTML 4Page - Kemet Corporation S501LF357V2R7U Datasheet HTML 5Page - Kemet Corporation S501LF357V2R7U Datasheet HTML 6Page - Kemet Corporation S501LF357V2R7U Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6003_S501 • 11/19/2013
Snap-In Supercapacitors – S501 Series, Snap-In, 2.7 V, 65ºC
Environmental Compliance
All KEMET supercapacitors are RoHS Compliant.
Table 1 – Ratings & Part Number Reference
Part Number
S501DC107W2R7A S501LF357V2R7A S501LF357V2R7U S501LI407V2R7A S501LR607V2R7A
Electrical
Capacitance (F)
100
350
350
400
600
Capacitance Tolerance
-0/+20%
-5/+10%
-5/+10%
-5/+10%
-5/+10%
Rated Voltage (V)
2.7
2.7
2.7
2.7
2.7
Surge Voltage (V)
2.85
2.85
2.85
2.85
2.85
ESR,DC≤(mΩ)[10ms]
4.2
3.2
2.7
3.2
3.2
ESR,AC1kHz≤(mΩ)
3.6
3.1
2.4
3
3
Inductance ±30 (nH)
120
150
150
150
150
72HourLeakage≤(mA)
0.27
1
1
1.2
1.5
Cycling
Current,Peak[1s](A)
95
223
243
237
277
Continuous Current (A)*
13
24
24
24
28
Current, Short Circuit (A)
643
844
750
844
844
Thermal
Resistance, Thermal (°C/W)
22
11
10
10
8
Energy/Power
Maximum Stored Energy (Wh)
0.1
0.35
0.35
0.41
0.61
Energy Density (Wh/kg)
5.1
5.4
5.4
5.3
6.3
Energy Density (Wh/L)
5.9
6.2
5.9
6.2
7.1
Power Density (kW/kg)
21.7
8.6
10.2
7.4
5.9
Power Density (kW/L)
25.5
10
11.2
8.8
6.6
Maximum Power (kW/kg)
10.4
4.1
4.9
3.6
2.8
Physical
Case Size
DC
LF
LF
LI
LR
D x L (mm)
22 x 45
35 x 59
35 x 62
35 x 69
35 x 89
Weight (kg)
0.02
0.066
0.066
0.077
0.096
Volume (L)
0.017
0.057
0.06
0.065
0.086
Volume of ACN (L)
0.008
0.027
0.027
0.031
0.042
*Rated current = continuous current with 20°C temperature rise.
S501
DC
107
V
2R7
A
Series
Size Code (D x L)
Capacitance Code (µF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Termination Code
Supercapacitor,
Snap-In
Termination
DC = 22 x 45
LF = 35 x 60
LI = 35 x 69
LR = 35 x 89
Digits 7 & 8 indicate the first two digits of
the capacitance value.
Digit 9 indicates the number of zeros to be
added.
V = -5/+10%
W = -0/+20%
2R7 = 2.7
A= 2 pin, 10 mm lead spacing,
5.9 mm terminal length
U = 4 pin standard snap-in style
Roll Over for
Order Info.


Similar Part No. - S501LF357V2R7U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501LF357V2R7U KEMET-S501LF357V2R7U Datasheet
413Kb / 7P
   Snap-In Supercapacitors
More results

Similar Description - S501LF357V2R7U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501DC107V2R7A KEMET-S501DC107V2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
   Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
   Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
   Supercapacitors
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
   Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
   Supercapacitors
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
   Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com