Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T527I476M006ATE200 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T527I476M006ATE200
Description  KEMET Organic Capacitor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T527I476M006ATE200 Datasheet(HTML) 3 Page - Kemet Corporation

  T527I476M006ATE200 Datasheet HTML 1Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 2Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 3Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 4Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 5Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 6Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 7Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 8Page - Kemet Corporation T527I476M006ATE200 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2069_T527 • 12/6/2013
33
KEMET Organic Capacitor (KO-CAP) – T527 Series Facedown Terminal Polymer Tantalum
Qualification
Test
Condition/Characteristics
Endurance
85°C @ rated voltage, 1,000 hours
ΔC/C
WithininitialΔC/Climits
DF
Within 1.5 x initial limits
DCL
Within initial limits
Damp Heat Steady State
40°C, 90 to 95% RH, 500 hours
ΔC/C
-30%to+20%ofinitialΔC/Climit
DF
Within 1.5 x initial limits
DCL
Within initial limits
Temperature Stability
Extreme temperature exposure at
-55°C and +105°C
+25°C
-55°C
+105°C
ΔC/C
IL*
-20%to0%ofΔC/C
-50%-0%ofΔC/C
DF
IL
IL
IL
DCL
IL
IL
1.00 CV
Surge Voltage
1.3Vr,85°C,1,000Ωresistor,1,000cycles
ΔC/C
WithininitialΔC/Climits
DF
Within initial limit
DCL
Within initial limit
Mechanical Shock
100 G, Saw-Tooth wave
ΔC/C
WithininitialΔC/Climits
DF
Within initial limit
DCL
Within initial limit
Vibration
Frequency: 10 to 2 kHz, Sweep: 1 minute,
Amplitude of vibration: 1.5 mm, Vibration Time:
Each plane shall be 2 hours for a total of 4 hours.
ΔC/C
WithininitialΔC/Climits
DF
Within initial limit
DCL
Within initial limit
Terminal strength
Strength: 4.9 N, Time: 10 ±0.5 seconds
(two directions)
Visual
No evidence of mechanical damage
*IL = Initial limit
Dimensions – Millimeters
Case Size
Component
KEMET
EIA
L
W
H
F
S
I
3216–10
3.2 ±0.2
1.6 ±0.2
1.0 Maximum
1.2 ±0.1
0.8 ±0.2


Similar Part No. - T527I476M006ATE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I476M006ATE200 KEMET-T527I476M006ATE200 Datasheet
1Mb / 14P
   T527 Facedown Polymer Electrolytic (3216 Case Size)
T527I476M006ATE200 KEMET-T527I476M006ATE200_16 Datasheet
1Mb / 14P
   T527 Facedown Polymer Electrolytic (3216 Case Size)
T527I476M006ATE200 KEMET-T527I476M006ATE200_17 Datasheet
88Kb / 1P
   Tantalum, Polymer Tantalum, Reduced Volume, T527, 47 uF, 20%, 6.3 V, 3216, SMD, Polymer, Molded, Face Down Terminals, 200mOhms, 1mm
More results

Similar Description - T527I476M006ATE200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T529P226M006AAE200 KEMET-T529P226M006AAE200 Datasheet
861Kb / 15P
   KEMET Organic Capacitor
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com