Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1USC32XP Datasheet(PDF) 6 Page - Sharp Corporation

Part # GP1USC32XP
Description  Infrared Detector for Remote Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1USC32XP Datasheet(HTML) 6 Page - Sharp Corporation

Back Button GP1USC32XP Datasheet HTML 2Page - Sharp Corporation GP1USC32XP Datasheet HTML 3Page - Sharp Corporation GP1USC32XP Datasheet HTML 4Page - Sharp Corporation GP1USC32XP Datasheet HTML 5Page - Sharp Corporation GP1USC32XP Datasheet HTML 6Page - Sharp Corporation GP1USC32XP Datasheet HTML 7Page - Sharp Corporation GP1USC32XP Datasheet HTML 8Page - Sharp Corporation GP1USC32XP Datasheet HTML 9Page - Sharp Corporation GP1USC32XP Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: OP08905
July, 2009
6
GP1USC3xXP Series
Preliminary
■ Design Considerations
Design Guidelines
1.
This product is not designed to be electromagnetic- and ionized-particle-radiation resistant.
2.
Avoid placing mechanical stress upon this part, whether to the case or terminals. Such stresses may crack the
molding material, possibly breaking internal wire bonds in the part.
3.
Conductive thermoplastics are used in the second mold resin of this part. Do not allow this resin to come in con-
tact with the PCB landing or any circuit runs.
4.
When using this part in a remote control detector, the incoming signal must be managed so that Tdata is less
than 100 ms and Toff (suspend time) is more than 25 ms; and the minimum pulse width of modulated IR data
is 250 µs during Ton. Should the signal format fail to meet these conditions, the reception distance or device
output may be compromised. See Fig. 4.
5.
Output noise may be caused by environmental factors, even in the absence of a received signal. If the device
is used in the presence of strong external light, this may show up as noise in the detector. Sharp recommends
checking the layout and structure so as to reduce the amount of external light interference. Also, confirm the
device’s performance in actual operation, as the output may be affected by signal format, temperature, and the
distance from the transmitter.
6.
This device may have degraded optical performance if the detector surface becomes dirty or coated with any
foreign substance. This may happen through the use of process chemicals, including washing; it is for this rea-
son that Sharp does not recommend washing this part. If the detector surface becomes contaminated, use a
soft cloth to wipe it clean.
7.
Sharp recommends a circuit similar to the one shown in Fig. 5 to accompany this device. The values should be
adjusted to reflect the actual circuit conditions, and be placed as physically close to the device as possible.
Fig. 4. Transmit Time for One Signal Block
Fig. 5. Device Connection
. . .
. . .
. . .
. . .
TON
Transmitting time for 1 block: T
Data Period: Tdata
Suspendx Period: TOFF
GP1USC3XP-2
+
VCC
C1
R1
NOTES:
R1 = 47 Ω ±5%
C1 = 47 µF
VOUT
GND
VO
Ve
GND
GP1USC3XP-3


Similar Part No. - GP1USC32XP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U10X SHARP-GP1U10X Datasheet
44Kb / 5P
   Compact, Surface Mount and Reflow Soldering Type IR Detecting Unit for Remote Control
GP1U260X SHARP-GP1U260X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U261X SHARP-GP1U261X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U262X SHARP-GP1U262X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U263X SHARP-GP1U263X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1USC32XP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SC9148B ETC-SC9148B Datasheet
83Kb / 9P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
   Infrared Remote Control
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
   Infrared Remote-control
logo
ELM Electronics
ELM339 ELM-ELM339 Datasheet
27Kb / 4P
   INFRARED REMOTE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com