Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1USC34XP Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP1USC34XP
Description  Infrared Detector for Remote Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1USC34XP Datasheet(HTML) 5 Page - Sharp Corporation

  GP1USC34XP Datasheet HTML 1Page - Sharp Corporation GP1USC34XP Datasheet HTML 2Page - Sharp Corporation GP1USC34XP Datasheet HTML 3Page - Sharp Corporation GP1USC34XP Datasheet HTML 4Page - Sharp Corporation GP1USC34XP Datasheet HTML 5Page - Sharp Corporation GP1USC34XP Datasheet HTML 6Page - Sharp Corporation GP1USC34XP Datasheet HTML 7Page - Sharp Corporation GP1USC34XP Datasheet HTML 8Page - Sharp Corporation GP1USC34XP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Sheet No.: OP08905
July, 2009
5
GP1USC3xXP Series
Preliminary
● Performance Measurements
The parameters in the Characteristics tables were
gathered using the transmitter jig in Fig. 2, along with
the receiver jig in Fig. 3.
1.
Linear Reception: Distance between transmitter
and receiver: 0.2 to 15.0 meters; detector face illu-
mination: Ev < 10 lx,
 = 0°
2.
Reception Angle Sensitivity: Distance between
transmitter and receiver: 0.2 to 12 meters; detector
face illumination: Ev < 10 lx,
  30°
3.
Transmitter Test Setup: In Fig. 2, the transmitter is
set so that Vout will be 180 mV p-p. The PD49PI
has a short-circuit current ISC = 2.6 µA at Ev = 100
lx.
Fig. 2. Transmitter Test Setup
Fig. 3. Receiver Test Setup
Transmitter
ƒo: (Note 1)
Duty cycle: 50%
PD49I
NOTE: 1. The BPF center frequency ƒo varies with model, as shown in
the Electro-optical Characteristics
Oscilloscope
10 k
Ω
10 µF
10 k
Ω
+5 V
20 cm
VOUT
GP1USC3XP-6
VOUT
Reception Distance: L
Transmitter
Detector face Illuminance: Ev
NOTE:
φ: Indicates horizontal and vertical directions
φ
φ
GP1USC3XP-7


Similar Part No. - GP1USC34XP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U10X SHARP-GP1U10X Datasheet
44Kb / 5P
   Compact, Surface Mount and Reflow Soldering Type IR Detecting Unit for Remote Control
GP1U260X SHARP-GP1U260X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U261X SHARP-GP1U261X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U262X SHARP-GP1U262X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1U263X SHARP-GP1U263X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1USC34XP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SC9148B ETC-SC9148B Datasheet
83Kb / 9P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
   PREAMPLIFIER FOR INFRARED REMOTE CONTROL
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
   Infrared Remote Control
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
   Infrared Remote-control
logo
ELM Electronics
ELM339 ELM-ELM339 Datasheet
27Kb / 4P
   INFRARED REMOTE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com