Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXMP1018 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BXMP1018
Description  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BXMP1018 Datasheet(HTML) 1 Page - API Technologies Corp

  BXMP1018 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.
3/9/10
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = 0 ºC to +50 ºC
Frequency
1 - 100 MHz
1 - 100 MHz
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ....... +75 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +70 dBm (Typ.)
Third Order Two Tone Intercept Point ............ +44 dBm (Typ.)
Legend
+25 ºC
+50ºC - - - - - - 0ºC
Power
Vdc
+15
+15
mA
250
280 Max.
RF AMPLIFIER
MODEL
BXMP1018
Available as: WNMP1018, 10 Pin .625” Sq. Surface Mount (SG4)
BXMP1018, SMA Connectorized Housing (H106)
TRMP1018, 12 Pin TO-8B (T9)
Features
!
!
!
!
! High IP3: +44 dBm Typical
!
!
!
!
! High IP2: +70 dBm Typical
!
!
!
!
! High Output Power: 28 dBm Typical
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
4.0
5.0 Max.
VSWR
In
1.6:1
2.0:1 Max.
Out
1.6:1
2.0:1 Max.
Reverse
Isolation (dB)
-22
-20 Max.
Power @ 1 dB
Comp. (dBm)
+28
+26 Min.
Gain (dB)
16
15 Min..
Specifications
Typical Performance Data
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature .............. -55 ºC to +100 ºC
Storage Temperature ............................... -62 ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +16 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ............. 500 Milliwatts (3
µsec Max.)
2.0
1.5
1.0
2.0
1.5
1.0
17
15
13
30
29
28
27
26
- 5
- 10
- 15
- 20
14
16
Start 1 MHz
Stop 100 MHz
Start 1 MHz
Stop 100 MHz
Start 1 MHz
Stop 100 MHz
Start 1 MHz
Stop 100 MHz
Start 1 MHz
Stop 100 MHz
Start 1 MHz
Stop 100 MHz
5
5.5
4.5
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
- 25
4
3.5
Medium Power Amplifier
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - BXMP1018

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1018 SPECTRUM-BXMP1018 Datasheet
54Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
BXMP1018 APITECH-BXMP1018 Datasheet
42Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BXMP1018

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com