Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR10150 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MUR10150
Description  SCANSWITCH RECTIFIER 10 AMPERES 1500 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MUR10150 Datasheet(HTML) 1 Page - Motorola, Inc

  MUR10150 Datasheet HTML 1Page - Motorola, Inc MUR10150 Datasheet HTML 2Page - Motorola, Inc MUR10150 Datasheet HTML 3Page - Motorola, Inc MUR10150 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
Designer's™ Data Sheet
SCANSWITCH™ Power Rectifier
For Use As A Damper Diode
In High and Very High Resolution Monitors
The MUR10150E is a state-of-the-art Power Rectifier specifically designed for use as a
damper diode in horizontal deflection circuits for high and very high resolution monitors. In these
applications, the outstanding performance of the MUR10150E is fully realized when paired with
either the MJW16212 or MJF16212 monitor specific, 1500 V bipolar power transistor.
• 1500 V Blocking Voltage
• 20 mJ Avalanche Energy Guaranteed
• Peak Transient Overshoot Voltage Specified, 14 Volts (typical)
• Forward Recovery Time Specified, 135 ns (typical)
• Epoxy Meets UL94, VO at 1/8″
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10
Seconds
• Shipped 50 units per plastic tube
• Marking: U10150E
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
1500
Volts
Average Rectified Forward Current, (Rated VR), TC = 125°C
IF(AV)
10
Amps
Peak Repetitive Forward Current, Per Leg
(Rated VR, Square Wave, 20 kHz), TC = 125°C
IFRM
20
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
100
Amps
Operating Junction and Storage Temperature
TJ, Tstg
–65 to +125
°C
Controlled Avalanche Energy
WAVAL
20
mJ
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case
R
θJC
2.0
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (1)
(iF = 6.5 Amps, TJ = 125°C)
(iF = 6.5 Amps, TJ = 25°C)
vF
1.7
1.9
2.2
2.4
Volts
Maximum Instantaneous Reverse Current (1)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
750
25
1000
100
µA
Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amps/µs)
trr
150
175
ns
Maximum Forward Recovery Time (IF = 6.5 Amps, di/dt = 12 Amps/µs)
tfr
135
175
ns
Peak Transient Overshoot Voltage
VRFM
14
16
Volts
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
SCANSWITCH is a trademark of Motorola, Inc.
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MUR10150E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MUR10150E
SCANSWITCH
RECTIFIER
10 AMPERES
1500 VOLTS
CASE 221B–03
(TO–220AC)
1
3
4
Motorola Preferred Device
1
3
4
Rev 1


Similar Part No. - MUR10150

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MUR10150E DIGITRON-MUR10150E Datasheet
180Kb / 3P
   10A STANDARD RECOVERY RECTIFIER
logo
ON Semiconductor
MUR10150E ONSEMI-MUR10150E Datasheet
137Kb / 5P
   Power Rectifier
September, 2006 ??Rev. 3
More results

Similar Description - MUR10150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR5150E MOTOROLA-MUR5150E Datasheet
76Kb / 4P
   SCANSWITCH RECTIFIER 5.0 AMPERES 1500 VOLTS
MUR10120E MOTOROLA-MUR10120E Datasheet
72Kb / 4P
   SCANSWITCH RECTIFIER 10 AMPERES 1200 VOLTS
logo
Powerex Power Semicondu...
R9G20415 POWEREX-R9G20415 Datasheet
768Kb / 4P
   Fast Recovery Rectifier (1500 Amperes Average 3600 Volts)
logo
Motorola, Inc
MJW16212 MOTOROLA-MJW16212 Datasheet
291Kb / 8P
   POWER TRANSISTOR 10 AMPERES 1500 VOLTS - VCES 50 AND 150 WATTS
logo
Powerex Power Semicondu...
C451 POWEREX-C451 Datasheet
498Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C451PM POWEREX-C451PM Datasheet
514Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
FT1500AU-240 POWEREX-FT1500AU-240 Datasheet
81Kb / 4P
   Ultra High Voltage Thyristor 1500 Amperes/12000 Volts
FT1500DV POWEREX-FT1500DV Datasheet
158Kb / 4P
   Phase Control SCR 1500 Amperes Avg 3000-4000 Volts
logo
Motorola, Inc
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
Powerex Power Semicondu...
FT1500DL POWEREX-FT1500DL Datasheet
159Kb / 4P
   Phase Control SCR 1500 Amperes Avg 200-1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com