Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGJ2W680MELA20 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGJ2W680MELA20
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGJ2W680MELA20 Datasheet(HTML) 1 Page - Nichicon corporation

  LGJ2W680MELA20 Datasheet HTML 1Page - Nichicon corporation LGJ2W680MELA20 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Item
Tangent of loss angle (tan
δ)
Shelf Life
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
Within ±20% of the initial capacitance value
Capacitance change
ALUMINUM ELECTROLYTIC CAPACITORS
GJ
series
Snap-in Terminal Type, 105°C Low-Profile Sized
Withstanding 3000 hours application of rated ripple current at
105°C.
Ideally suited for flat design fo switching power supply.
Addition of 450V rated voltage.
Compliant to the RoHS directive (2011/65/EU).
Drawing
Type numbering system (Example : 400V 120µF)
GJ
Low
Profile
Low
Profile
GU
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Marking
Performance Characteristics
– 40 to +105°C (200
250V) , – 25 to +105°C (400
450V)
200 to 450V
47 to 680µF
± 20% at 120Hz, 20°C
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz
The specifications listed at right shall be met when the capacitors
are restored to 20°C after D.C. bias plus rated ripple current is
applied for 3000 hours at 105°C, the peak voltage shall not exceed
the rated voltage.
Z – 25°C/ Z+20°C
Z – 40°C/ Z+20°C
Rated voltage(V)
Impedance ratio ZT/Z20(MAX.)
200 250
3
12
400 450
8
Specifications
L
1
G
2
J
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
B
2 0
12
13
14
Configuration
Case dia. code
Size code
Capacitance tolerance (
±20%)
Rated capacitance (120
µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
Code
Z
20
Y
A
B
35
C
(Terminal dimensions)
The other terminal is also available upon request.
Please refer to page 328 for schematic of terminal dimensions.
(PC board hole dimensions)
10 ±
0.1
2-2φ±0.1
1.5
0.8
+0.2
-0.1
+0.2
-0.1
0.8
+0.2
-0.1
Polarity bar
20±2
4.0
±0.5
10
Pressure relief vent
Sleeve (P.E.T.)
Leakage current
tan
δ
Less than or equal to the initial specified value
200% or less than the initial specified value
Capacitance change
Leakage current
tan
δ
Within ±15% of the initial capacitance value
Less than or equal to the initial specified value
150% or less than the initial specified value
3
CV
GJ(15)
Measurement frequency : 120Hz at 20°C
Rated voltage(V)
tan
δ (MAX.)
200 to 400
0.15
450
0.20
Frequency coefficient of rated ripple current
Frequency (Hz)
200 to 250V
400 to 450V
Coeff.
50
60
120
300
1 k
10k
50k or more
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
Minimum order quantity : 50pcs.
Dimension table in next page.
Since rating other than the above can be manufactured a please ask for detail.
CAT.8100C


Similar Part No. - LGJ2W680MELA20

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGJ2C101MELC NICHICON-LGJ2C101MELC Datasheet
70Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGJ2C121MELC NICHICON-LGJ2C121MELC Datasheet
70Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGJ2C151MELC NICHICON-LGJ2C151MELC Datasheet
70Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGJ2C181MEL NICHICON-LGJ2C181MEL Datasheet
67Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
LGJ2C181MELC NICHICON-LGJ2C181MELC Datasheet
70Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGJ2W680MELA20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com