Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431BCDBZR Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TL431BCDBZR
Description  Adjustable precision shunt regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431BCDBZR Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TL431BCDBZR Datasheet HTML 6Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 7Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 8Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 9Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 10Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 11Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 12Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 13Page - NXP Semiconductors TL431BCDBZR Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TL431_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 30 June 2011
10 of 27
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
IK =10mA; VKA =Vref
VKA =Vref; Tamb =25 C
Fig 3.
Reference voltage as a function of ambient
temperature; typical values
Fig 4.
Cathode current as a function of
cathode-anode voltage; typical values
IK =10mA; VKA =Vref
Fig 5.
Test circuit to Figure 3 and Figure 4
Tamb (°C)
−75
125
75
−25
25
006aab571
2.48
2.52
2.44
2.56
2.60
Vref
(V)
2.40
VKA (V)
−23
2
01
−1
006aab572
0
50
−50
100
150
IK
(mA)
−100
006aab573
GND
Vref
VKA
INPUT
IK


Similar Part No. - TL431BCDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL431BCDBZR TI-TL431BCDBZR Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCDBZR TI-TL431BCDBZR Datasheet
1Mb / 79P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431BCDBZR TI-TL431BCDBZR Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431BCDBZR TI1-TL431BCDBZR Datasheet
2Mb / 74P
[Old version datasheet]   Precision Programmable Reference
TL431BCDBZR TI-TL431BCDBZR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431BCDBZR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com