Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRN3010-1R2Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN3010-1R2Y
Description  Semi-shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN3010-1R2Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN3010-1R2Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN3010-1R2Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Semi-shielded construction
Miniature size
Low profile - 1.0 mm max.
Inductance range: 1 to 47 µH
Rated current up to 2.3 A
RoHS compliant* and halogen free**
Applications
DC/DC converters
Notebook computers
Digital video cameras
HDDs
Cell phones
Televisions, LCD displays
SRN3010 Series - Semi-shielded Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Operating Temperature
................................. -40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -25 °C to +120 °C
Resistance to Solder Heat
...............................+260 °C for 10 sec.
Temperature Rise .....40 °C at rated Irms
Rated Current
............ Inductance drops 30 % at Isat
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 KHz / 1 V
DCR
(
Ω)
Max.
Irms
(A)
Isat
(A)
L (
μH)
Tol. %
SRN3010-1R0Y
1.0
30
0.063
2.3
2.3
SRN3010-1R2Y
1.2
30
0.081
2.1
1.9
SRN3010-1R5Y
1.5
30
0.091
2.0
1.65
SRN3010-2R2M
2.2
20
0.096
1.9
1.3
SRN3010-3R3M
3.3
20
0.156
1.8
1.05
SRN3010-4R7M
4.7
20
0.210
1.7
0.85
SRN3010-6R8M
6.8
20
0.312
1.3
0.7
SRN3010-100M
10
20
0.420
0.9
0.6
SRN3010-150M
15
20
0.612
0.8
0.5
SRN3010-220M
22
20
0.936
0.7
0.4
SRN3010-330M
33
20
1.320
0.5
0.32
SRN3010-470M
47
20
1.920
0.35
0.28
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Coating ................. Magnetic epoxy resin
Packaging....... 2000 pcs. per 7-inch reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SRN3010 - 100M
Model
Value Code (see table)
Soldering Profile
150
260
200
20 sec.max.
Preheat 100 sec. max.
10 sec. max.
Natural Cooling
60 sec. min.
3.0 ± 0.1
(.118 ± .004)
3.0 ± 0.1
(.118 ± .004)
MAX.
1.0
(.039)
2.00
(.079)
2.50
(.098)
0.8
(.031)
0.8
(.031)


Similar Part No. - SRN3010-1R2Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3010 BOURNS-SRN3010 Datasheet
305Kb / 2P
   Semi-shielded Power Inductors
SRN3010C BOURNS-SRN3010C Datasheet
141Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN3010C-100M BOURNS-SRN3010C-100M Datasheet
141Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN3010C-150M BOURNS-SRN3010C-150M Datasheet
141Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN3010C-1R0M BOURNS-SRN3010C-1R0M Datasheet
141Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
More results

Similar Description - SRN3010-1R2Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
   Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
   Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
   Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
   Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
   Semi-shielded Power Inductors
Mar 31, 2015
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
   Semi-shielded Power Inductors
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
   Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
   Semi-shielded Power Inductors
SRN4018TA BOURNS-SRN4018TA Datasheet
823Kb / 3P
   Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
   Semi-shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com