Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3106C-1 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM3106C-1
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM3106C-1 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM3106C-1 Datasheet HTML 1Page - Aplus Intergrated Circuits ASM3106C-1 Datasheet HTML 2Page - Aplus Intergrated Circuits ASM3106C-1 Datasheet HTML 3Page - Aplus Intergrated Circuits ASM3106C-1 Datasheet HTML 4Page - Aplus Intergrated Circuits ASM3106C-1 Datasheet HTML 5Page - Aplus Intergrated Circuits ASM3106C-1 Datasheet HTML 6Page - Aplus Intergrated Circuits ASM3106C-1 Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.4 Bonding Diagram
ASM3106C
96K x 10 bit ROM
6
7
8
9
5
4
1
2
3
10
11
CHIP SIZE: X= 1550+80(um) , Y= 2170+80(um)
Substrate must be connected to GND.
ASM3106C Pad Location
Chip Size: X= 1550 + 80 (um), Y=2170 + 80 (um)
PAD #
PAD Name
X
Y
PAD # PAD Name
X
Y
1
RA3
-664.92
-676.8
7
TEST
105.44 -1001.48
2
RA2
-664.92
-804.92
8
COUT
303.96 -1001.48
3
RA1
-662.64 -1001.48
9
VDD
683.04 -1001.48
4
RA0
-468.24 -1001.48
10
RB0
664.92
-805.28
5
OSC
-281.04 -1001.48
11
RB1
664.92
-682.08
6
GND
-111.72 -1001.48
5
ASM3106C
X= 1550+80(um)
Y= 2170+80(um)


Similar Part No. - ASM3106C-1

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM3106C APLUS-ASM3106C Datasheet
466Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results

Similar Description - ASM3106C-1

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
   very low cost voice synthesizer with 4-bit microprocessor
ASM8412CA APLUS-ASM8412CA Datasheet
319Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com