Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1243IPWT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1243IPWT
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1243IPWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1243IPWT Datasheet HTML 3Page - Texas Instruments ADS1243IPWT Datasheet HTML 4Page - Texas Instruments ADS1243IPWT Datasheet HTML 5Page - Texas Instruments ADS1243IPWT Datasheet HTML 6Page - Texas Instruments ADS1243IPWT Datasheet HTML 7Page - Texas Instruments ADS1243IPWT Datasheet HTML 8Page - Texas Instruments ADS1243IPWT Datasheet HTML 9Page - Texas Instruments ADS1243IPWT Datasheet HTML 10Page - Texas Instruments ADS1243IPWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADS1242, 1243
7
SBAS235H
www.ti.com
TYPICAL CHARACTERISTICS
All specifications VDD = +5V, fOSC = 2.4576MHz, PGA = 1, fDATA = 15Hz, and VREF ≡ (REF IN+) – (REF IN–) = +2.5V, unless otherwise specified.
21.5
21.0
20.5
20.0
19.5
19.0
18.5
18.0
17.5
17.0
EFFECTIVE NUMBER OF BITS vs PGA SETTING
PGA Setting
1
2
4
8
16
128
64
32
Buffer OFF
DR = 10
DR = 01
DR = 00
22
21
20
19
18
17
16
15
EFFECTIVE NUMBER OF BITS vs PGA SETTING
PGA Setting
1
2
4
8
16
128
64
32
DR = 10
DR = 00
DR = 01
Buffer ON
20.5
20.0
19.5
19.0
18.5
18.0
17.5
17.0
16.5
16.0
EFFECTIVE NUMBER OF BITS vs PGA SETTING
PGA Setting
1
2
4
8
16
64
128
32
Buffer OFF, V
REF = 1.25V
DR = 10
DR = 00
DR = 01
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
NOISE vs INPUT SIGNAL
V
IN (V)
–2.5
–1.5
0.5
–0.5
1.5
2.5
140
120
100
80
60
40
20
0
COMMON-MODE REJECTION RATIO
vs FREQUENCY
Frequency of Power Supply (Hz)
1
10
100
1k
10k
100k
Buffer ON
POWER SUPPLY REJECTION RATIO
vs FREQUENCY
Frequency of Power Supply (Hz)
110
1k
100
10k
100k
140
120
100
80
60
40
20
0
Buffer ON


Similar Part No. - ADS1243IPWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1243IPWT TI-ADS1243IPWT Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1243IPWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com