Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8361IRHBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8361IRHBT
Description  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8361IRHBT Datasheet(HTML) 4 Page - Texas Instruments

  ADS8361IRHBT Datasheet HTML 1Page - Texas Instruments ADS8361IRHBT Datasheet HTML 2Page - Texas Instruments ADS8361IRHBT Datasheet HTML 3Page - Texas Instruments ADS8361IRHBT Datasheet HTML 4Page - Texas Instruments ADS8361IRHBT Datasheet HTML 5Page - Texas Instruments ADS8361IRHBT Datasheet HTML 6Page - Texas Instruments ADS8361IRHBT Datasheet HTML 7Page - Texas Instruments ADS8361IRHBT Datasheet HTML 8Page - Texas Instruments ADS8361IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADS8361
4
SBAS230E
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
Over recommended operating free-air temperature range at TA = –40°C to +125°C, AVDD = 5V, BVDD = 3V, VREF = internal +2.5V, fCLK = 10MHz, and fSAMPLE = 500kSPS,
unless otherwise noted.
NOTES: (1) All values are at TA = +25°C.
(2) Applies for 5.0V nominal supply: BVDD (min) = 4.5V and BVDD (max) = 5.5V.
(3) Applies for 3.0V nominal supply: BVDD (min) = 2.7V and BVDD (max) = 3.6V.
(4) No clock active (static).
ADS8361
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNITS
DIGITAL INPUTS(2)
Logic Family
CMOS
High-Level Input Voltage
(VIH)0.7 • VDD
VDD + 0.3
V
Low-Level Input Voltage
(VIL)–0.3
0.3 • VDD
V
Input Current
(IIN)VI = BVDD or BGND
±50
nA
Input Capacitance
(CI)5
pF
DIGITAL OUTPUTS(2)
Logic Family
CMOS
High-Level Output Voltage
(VOH)BVDD = 4.5V, IOH = –100μA4.44
V
Low-Level Output Voltage
(VOL)BVDD = 4.5V, IOH = –100μA0.5
V
High-Impedance-State Output Current (IOZ)
CS = BVDD, VI = BVDD or BGND
±50
nA
Output Capacitance
(CO)5
pF
Load Capacitance
(CL)
30
pF
Data Format
Binary Two’s Complement
pF
DIGITAL INPUTS(3)
Logic Family
LVCMOS
High-Level Input Voltage
(VIH)BVDD = 3.6V
2
VDD + 0.3
V
Low-Level Input Voltage
(VIL)BVDD = 2.7V
–0.3
0.8
V
Input Current
(IIN)VI = BVDD or BGND
±50
nA
Input Capacitance
(CI)5
pF
DIGITAL OUTPUTS(3)
Logic Family
LVCMOS
High-Level Output Voltage
(VOH)BVDD = 2.7V, IOH = –100μAVDD – 0.2
V
Low-Level Output Voltage
(VOL)BVDD = 2.7V, IOH = –100μA0.2
V
High-Impedance-State Output Current (IOZ)
CS = BVDD, VI = BVDD or BGND
±50
nA
Output Capacitance
(CO)5
pF
Load Capacitance
(CL)
30
pF
Data Format
Binary Two’s Complement
pF
POWER SUPPLY
Analog Supply Voltage
(AVDD)
4.75
5.25
V
Digital Supply Voltage
(BVDD)
Low-Voltage Levels
2.7
3.6
V
5V Logic Levels
4.5
5.5
V
Analog Operating Supply Current
(AIDD)
35
mA
Digital Operating Supply Current
(BIDD)BVDD = 3V
1(4)
μA
BVDD = 5V
1(4)
μA
Power Dissipation
BVDD = 3V
150
200
mW
BVDD = 5V
150
200
mW


Similar Part No. - ADS8361IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361IRHBT BURR-BROWN-ADS8361IRHBT Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IRHBT TI-ADS8361IRHBT Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IRHBTG4 TI-ADS8361IRHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8361IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
logo
Analog Devices
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com