Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8361IRHBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8361IRHBT
Description  Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8361IRHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8361IRHBT Datasheet HTML 3Page - Texas Instruments ADS8361IRHBT Datasheet HTML 4Page - Texas Instruments ADS8361IRHBT Datasheet HTML 5Page - Texas Instruments ADS8361IRHBT Datasheet HTML 6Page - Texas Instruments ADS8361IRHBT Datasheet HTML 7Page - Texas Instruments ADS8361IRHBT Datasheet HTML 8Page - Texas Instruments ADS8361IRHBT Datasheet HTML 9Page - Texas Instruments ADS8361IRHBT Datasheet HTML 10Page - Texas Instruments ADS8361IRHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADS8361
7
SBAS230E
www.ti.com
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
COMMENTS
tCONV
Conversion Time
1.6
μs
When TCKP = 100ns
tACQ
Acquisition Time
0.4
μs
When TCKP = 100ns
tCKP
Clock Period
100
10,000
ns
tCKL
Clock LOW
40
ns
tCKH
Clock HIGH
40
ns
tF
DOUT Fall Time
25
ns
tR
DOUT Rise Time
30
ns
t1
CONVST HIGH
15
ns
t2
Address Setup Time
15
ns
Address latched on falling edge of CLK cycle ‘2’.
t3
Address Hold Time
15
t4
RD Setup Time
15
ns
Before falling edge of CLOCK.
t5
RD to CS Hold Time
15
ns
After falling edge of CLOCK.
t6
CONVST LOW
20
ns
t7
RD LOW
20
ns
t8
CS Setup Time
15
ns
Before falling edge of CLOCK (for RD).
t9
CLOCK to Data Valid Delay
30
ns
Maximum delay following rising edge of CLOCK.
t10
Data Valid After CLOCK(3)
1
ns
Time data is valid after second rising edge of CLOCK.
t11
CS Setup Time
0
ns
Before CONVST
TIMING CHARACTERISTICS
TIMING CHARACTERISTICS
Timing Characteristics over recommended operating free-air temperature range TMIN to TMAX, AVDD = 5V, REFIN = REFOUT internal reference +2.5V,
fCLK = 10MHz, fSAMPLE = 500kSPS, and BVDD = 2.7 ÷ 5.5V (unless otherwise noted).
NOTES: (1) All input signals are specified with tR = tF = 5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
(2) See timing diagram above.
(3) ‘n – 1’ data will remain valid 1ns after rising edge of next CLOCK cycle.
CH
A/B
CH
0/1
A0
RD
CS
BUSY
Serial
Data A
1
CLOCK
CONVST
23
4
11
10
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
D15
D14
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
D15
D14
D13
D12
Serial
Data B
D15
D14
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
D15
D14
D13
D12
CH
0/1
0
t3
t1
tCONV
tACQ
tCONV
t7
t10
t9
t6
tCKH
tCKL
0
t2
t11
t4
t8
t8
t5


Similar Part No. - ADS8361IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361IRHBT BURR-BROWN-ADS8361IRHBT Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IRHBT TI-ADS8361IRHBT Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IRHBTG4 TI-ADS8361IRHBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8361IRHBT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862Y TI1-ADS7862Y Datasheet
706Kb / 20P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling
logo
Analog Devices
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
   16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com