Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7816PBG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7816PBG4
Description  12-Bit High Speed Micro Power Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7816PBG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7816PBG4 Datasheet HTML 2Page - Texas Instruments ADS7816PBG4 Datasheet HTML 3Page - Texas Instruments ADS7816PBG4 Datasheet HTML 4Page - Texas Instruments ADS7816PBG4 Datasheet HTML 5Page - Texas Instruments ADS7816PBG4 Datasheet HTML 6Page - Texas Instruments ADS7816PBG4 Datasheet HTML 7Page - Texas Instruments ADS7816PBG4 Datasheet HTML 8Page - Texas Instruments ADS7816PBG4 Datasheet HTML 9Page - Texas Instruments ADS7816PBG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
®
ADS7816
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, unless otherwise specified.
INTEGRAL LINEARITY ERROR vs CODE
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
0
2048
4095
Code
DIFFERENTIAL LINEARITY ERROR vs CODE
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
–0.75
–1.00
0
2048
4095
Code
CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
12345
Reference Voltage (V)
Change in Differential
Linearity (LSB)
Change in Integral
Linearity (LSB)
INPUT LEAKAGE CURRENT vs TEMPERATURE
10
1
0.1
0.01
–55
–40
–25
0
25
70
85
Temperature (°C)
SUPPLY CURRENT vs TEMPERATURE
450
400
350
300
250
200
150
–55
–40
–25
0
25
70
85
Temperature (°C)
f
SAMPLE = 12.5kHz
f
SAMPLE = 200kHz
POWER DOWN SUPPLY CURRENT
vs TEMPERATURE
3
2.5
2
1.5
1
0.5
0
–55
–40
–25
0
25
70
85
Temperature (°C)


Similar Part No. - ADS7816PBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816PBG4 TI-ADS7816PBG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PBG4 TI-ADS7816PBG4 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7816PBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817E TI-ADS7817E Datasheet
633Kb / 21P
[Old version datasheet]   12-Bit Differential Input Micro Power Sampling
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com