Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS922 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSS922
Description  50 OHM COAXIAL CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSS922 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSS922 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECS-P/N 311601 © 2009 ECS, Inc. All Rights Reserved. Printed in USA.
Connector Types for Cable 311601
Conductor: 16 AWG stranded silver plated copper
Dielectric: High temperature flouropolymer
Shield 1: Silver plated copper flat braid
Shield 2: Aluminum foil
Shield 3: 38 AWG silver plated copper braid
Jacket: Clear high temperature flouropolymer
Physical Characteristics
Outer Diameter: 0.229 in. nominal
Bend Radius: 1.15 in. nominal
Weight: 5.0 lbs/100 ft nominal
Temperature Range: -55° to +200° C
Skydrol Resistant: Yes
Electrical Characteristics
Impedance: 50.0 Ohms nominal
Capacitance: 25.5 pF/ft nominal
DC Resistance: 4.1 Ohms/1000 ft nominal
Time Delay: 1.25 ns/ft nominal
Attenuation: 1 GHz 8.60 dB/100 ft;
(nominal)
2 GHz 12.20 dB/100 ft;
3 GHz 15.50 dB/100 ft;
5 GHz 20.30 dB/100 ft
Environmental:
• ECS avionics cables are designed to meet, or exceed,
burn requirements as set forth in Federal Aviation
Regulations 14 CFR Part 25.869(a)(4) Amdt 25-113,
Appendix F Part I(a)(3).
• They are manufactured with materials which, when
subjected to flames or high temperatures, will not
outgas deadly hydrogen chloride produced by
conventional PVC cables.
Cage Code: 66197 • Issue Date: 9/21/09
Connector Type
Connector P/N
Connector Type
Connector P/N
Connector Type
Connector P/N
TNC 90°
CTR922
BNC 90°
CBR922
ARINC 404 Size 1
LM922
TNC 90° Extended
CTRE922
BNC 90° Extended
CBRE922
ARINC 600 Size 1
L9122
TNC 90° Long
CTRL922
BNC 90° Long
CBRL922
ARINC 600 Size 1RF
M9122
TNC Straight
CTS922
BNC Straight
CBS922
ARINC 600 Size 5
P922
TNC Panel Mount
RTS922
BNC Bulkhead
N/A
SMA 90°
CSR922
TNC Bulkhead
BTS922
N 90°
CNR922
SMA Straight
CSS922
C 90°
CCR922
N Straight
CNS922
HN 90°
CHR922
C Straight
CCS922
N Bulkhead
BNS922
ARINC 600 Size 8
CAS982


Similar Part No. - CSS922

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CSS COPAL-CSS Datasheet
1Mb / 5P
   COMPACT SLIDE SWITCHES
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
   Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
   MAGNETIC BUZZER
CSS-0575A-SMT CUI-CSS-0575A-SMT Datasheet
305Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
CSS-0575A-SMT-TR CUI-CSS-0575A-SMT-TR Datasheet
486Kb / 4P
   MAGNETIC BUZZER TRANSDUCER
01/06/2020
More results

Similar Description - CSS922

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3C142B ETC2-3C142B Datasheet
112Kb / 1P
   50 OHM COAXIAL CABLE
311901 ETC2-311901 Datasheet
119Kb / 1P
   50 OHM COAXIAL CABLE
421201 ETC2-421201 Datasheet
109Kb / 1P
   50 OHM COAXIAL CABLE
310801 ETC2-310801 Datasheet
120Kb / 1P
   50 OHM COAXIAL CABLE
311201 ETC2-311201 Datasheet
122Kb / 1P
   50 OHM COAXIAL CABLE
421601 ETC2-421601 Datasheet
109Kb / 1P
   50 OHM COAXIAL CABLE
432101 ETC2-432101 Datasheet
99Kb / 1P
   50 OHM COAXIAL CABLE
logo
Pasternack Enterprises,...
PE-C200 PASTERNACK-PE-C200 Datasheet
90Kb / 1P
   50 OHM COAXIAL CABLE
PE-C100 PASTERNACK-PE-C100 Datasheet
92Kb / 1P
   50 OHM COAXIAL CABLE
PE-C500 PASTERNACK-PE-C500 Datasheet
91Kb / 1P
   50 OHM COAXIAL CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com