Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV017ATM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV017ATM
Description  DS90LV017A LVDS Single High Speed Differential Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV017ATM Datasheet(HTML) 3 Page - Texas Instruments

  DS90LV017ATM Datasheet HTML 1Page - Texas Instruments DS90LV017ATM Datasheet HTML 2Page - Texas Instruments DS90LV017ATM Datasheet HTML 3Page - Texas Instruments DS90LV017ATM Datasheet HTML 4Page - Texas Instruments DS90LV017ATM Datasheet HTML 5Page - Texas Instruments DS90LV017ATM Datasheet HTML 6Page - Texas Instruments DS90LV017ATM Datasheet HTML 7Page - Texas Instruments DS90LV017ATM Datasheet HTML 8Page - Texas Instruments DS90LV017ATM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS90LV017A
www.ti.com
SNLS022C – MARCH 2000 – REVISED APRIL 2013
Switching Characteristics
Over Supply Voltage and Operating Temperature Ranges, unless otherwise specified
(1) (2) (3) (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIFFERENTIAL DRIVER CHARACTERISTICS
tPHLD
Differential Propagation Delay High to Low
RL = 100Ω, CL = 15 pF
0.3
0.8
1.5
ns
tPLHD
Differential Propagation Delay Low to High
(Figure 3 and Figure 4)
0.3
1.1
1.5
ns
tSKD1
Differential Pulse Skew |tPHLD − tPLHD|
(5)
0
0.3
0.7
ns
tSKD3
Differential Part to Part Skew(6)
0
1.0
ns
tSKD4
Differential Part to Part Skew(7)
0
1.2
ns
tTLH
Transition Low to High Time
0.2
0.5
1.0
ns
tTHL
Transition High to Low Time
0.2
0.5
1.0
ns
fMAX
Maximum Operating Frequency(8)
350
MHz
(1)
All typicals are given for: VCC = +3.3V and TA = +25°C.
(2)
These parameters are ensured by design. The limits are based on statistical analysis of the device performance over PVT (process,
voltage, temperature) ranges.
(3)
CL includes probe and fixture capacitance.
(4)
Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50Ω, tr ≤ 1 ns, tf ≤ 1 ns (10%-90%).
(5)
tSKD1, |tPHLD − tPLHD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel.
(6)
tSKD3, Differential Part to Part Skew, is defined as the difference between the minimum and maximum specified differential propagation
delays. This specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(7)
tSKD4, part to part skew, is the differential channel to channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
(8)
fMAX generator input conditions: tr = tf < 1 ns (0% to 100%), 50% duty cycle, 0V to 3V. Output criteria: duty cycle = 45%/55%, VOD >
250mV.
Parameter Measurement Information
Figure 2. Differential Driver DC Test Circuit
Figure 3. Differential Driver Propagation Delay and Transition Time Test Circuit
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90LV017A


Similar Part No. - DS90LV017ATM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV017ATM NSC-DS90LV017ATM Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
DS90LV017ATM NSC-DS90LV017ATM Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV017ATM TI1-DS90LV017ATM Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
DS90LV017ATM/NOPB TI1-DS90LV017ATM/NOPB Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
DS90LV017ATMX TI1-DS90LV017ATMX Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
More results

Similar Description - DS90LV017ATM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV017ATMX TI1-DS90LV017ATMX Datasheet
939Kb / 14P
[Old version datasheet]   DS90LV017A LVDS Single High Speed Differential Driver
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
DS90LV011A NSC-DS90LV011A Datasheet
144Kb / 6P
   3V LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV011A TI1-DS90LV011A_16 Datasheet
777Kb / 13P
[Old version datasheet]   3V LVDS Single High Speed Differential Driver
DS90LV011ATMFX TI-DS90LV011ATMFX Datasheet
756Kb / 13P
[Old version datasheet]   DS90LV011A 3V LVDS Single High Speed Differential Driver
DS90LV011ATMF TI1-DS90LV011ATMF Datasheet
810Kb / 13P
[Old version datasheet]   DS90LV011A 3V LVDS Single High Speed Differential Driver
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com