Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV032ATMTC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV032ATMTC
Description  DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90LV032ATMTC Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV032ATMTC Datasheet HTML 1Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 2Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 3Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 4Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 5Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 6Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 7Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 8Page - Texas Instruments DS90LV032ATMTC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DS90LV032A
www.ti.com
SNLS011C – JULY 1999 – REVISED APRIL 2013
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
Check for Samples: DS90LV032A
1
FEATURES
DESCRIPTION
The DS90LV032A is a quad CMOS differential line
23
>400 Mbps (200 MHz) switching rates
receiver designed for applications requiring ultra low
0.1 ns channel-to-channel skew (typical)
power dissipation and high data rates. The device is
0.1 ns differential skew (typical)
designed to support data rates in excess of 400 Mbps
(200 MHz) utilizing Low Voltage Differential Signaling
3.3 ns maximum propagation delay
(LVDS) technology.
3.3V power supply design
The DS90LV032A accepts low voltage (350 mV
Power down high impedance on LVDS inputs
typical) differential input signals and translates them
Low Power design (40mW @ 3.3V static)
to 3V CMOS output levels. The receiver supports a
Interoperable with existing 5V LVDS networks
TRI-STATE® function that may be used to multiplex
outputs. The receiver also supports open, shorted
Accepts small swing (350 mV typical) VID
and terminated (100
Ω) input Fail-safe. The receiver
Supports open, short and terminated input fail-
output will be HIGH for all fail-safe conditions.
safe
The DS90LV032A and companion LVDS line driver
Compatible with ANSI/TIA/EIA-644
(eg. DS90LV031A) provide a new alternative to high
Industrial temp. operating range (-40°C to
power PECL/ECL devices for high speed point-to-
+85°C)
point interface applications.
Available in SOIC and TSSOP Packaging
Connection Diagram
Order Number DS90LV032ATM
or DS90LV032ATMTC
D-16 and PW-16 Packages
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV032ATMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV032ATMTC NSC-DS90LV032ATMTC Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
More results

Similar Description - DS90LV032ATMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048ATMTC TI-DS90LV048ATMTC Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com