Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60BIM3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM60BIM3
Description  LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM60BIM3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM60BIM3 Datasheet HTML 2Page - Texas Instruments LM60BIM3 Datasheet HTML 3Page - Texas Instruments LM60BIM3 Datasheet HTML 4Page - Texas Instruments LM60BIM3 Datasheet HTML 5Page - Texas Instruments LM60BIM3 Datasheet HTML 6Page - Texas Instruments LM60BIM3 Datasheet HTML 7Page - Texas Instruments LM60BIM3 Datasheet HTML 8Page - Texas Instruments LM60BIM3 Datasheet HTML 9Page - Texas Instruments LM60BIM3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LM60
SNIS119C – MAY 2004 – REVISED FEBRUARY 2010
www.ti.com
Typical Performance Characteristics (continued)
To generate these curves the LM60 was mounted to a printed circuit board as shown in Figure 4.
Start-Up Response
Figure 4. Printed Circuit Board Used
for Heat Sink to Generate All Curves.
½
″ Square Printed Circuit Board
with 2 oz. Copper Foil or Similar.
1.0 Mounting
The LM60 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM60 is sensing will be within about +0.1°C of the surface
temperature that LM60's leads are attached to.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature of the LM60 die
would be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity the backside of the LM60 die is directly attached to the GND pin. The lands
and traces to the LM60 will, of course, be part of the printed circuit board, which is the object whose temperature
is being measured. These printed circuit board lands and traces will not cause the LM60's temperature to deviate
from the desired temperature.
Alternatively, the LM60 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM60 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to ensure that moisture cannot corrode the LM60 or its connections.
The thermal resistance junction to ambient (
θJA ) is the parameter used to calculate the rise of a device junction
temperature due to the device power dissipation. For the LM60 the equation used to calculate the rise in the die
temperature is as follows:
TJ = TA + θ JA [(+VS IQ) + (+VS − VO) IL]
where IQ is the quiescent current and ILis the load current on the output.
The table shown in Table 2 summarizes the rise in die temperature of the LM60 without any loading, and the
thermal resistance for different conditions.
6
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LM60


Similar Part No. - LM60BIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60BIM3 NSC-LM60BIM3 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3 NSC-LM60BIM3 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60BIM3 TI-LM60BIM3 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60BIM3/NOPB TI-LM60BIM3/NOPB Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
National Semiconductor ...
LM60BIM3X NSC-LM60BIM3X Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
More results

Similar Description - LM60BIM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 TI-LM60_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM60 and LM60-Q1 2.7-V, SOT-23 or TO-92 Temperature Sensor
LM61 TI-LM61_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61BIM3 TI-LM61BIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
LM61CIM3 TI1-LM61CIM3 Datasheet
1Mb / 18P
[Old version datasheet]   LM61 2.7V, SOT-23 or TO-92 Temperature Sensor
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com