Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM234Z-6 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM234Z-6
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM234Z-6 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM234Z-6 Datasheet HTML 3Page - Texas Instruments LM234Z-6 Datasheet HTML 4Page - Texas Instruments LM234Z-6 Datasheet HTML 5Page - Texas Instruments LM234Z-6 Datasheet HTML 6Page - Texas Instruments LM234Z-6 Datasheet HTML 7Page - Texas Instruments LM234Z-6 Datasheet HTML 8Page - Texas Instruments LM234Z-6 Datasheet HTML 9Page - Texas Instruments LM234Z-6 Datasheet HTML 10Page - Texas Instruments LM234Z-6 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LM134, LM234, LM334
www.ti.com
SNVS746C – MAY 2004 – REVISED MARCH 2005
Figure 14. Gain Adjustment
This property of the LM134 is illustrated in the accompanying graph. Line abc is the sensor current before
trimming. Line a
′b′c′ is the desired output. A gain trim done at T2 will move the output from b to b′ and will
simultaneously correct the slope so that the output at T1 and T3 will be correct. This gain trim can be done on
RSET or on the load resistor used to terminate the LM134. Slope error after trim will normally be less than ±1%.
To maintain this accuracy, however, a low temperature coefficient resistor must be used for RSET.
A 33 ppm/°C drift of RSET will give a 1% slope error because the resistor will normally see about the same
temperature variations as the LM134. Separating RSET from the LM134 requires 3 wires and has lead resistance
problems, so is not normally recommended. Metal film resistors with less than 20 ppm/°C drift are readily
available. Wire wound resistors may also be used where best stability is required.
Application as a Zero Temperature Coefficent Current Source
Adding a diode and a resistor to the standard LM134 configuration can cancel the temperature-dependent
characteristic of the LM134. The circuit shown in Figure 15 balances the positive tempco of the LM134 (about
+0.23 mV/°C) with the negative tempco of a forward-biased silicon diode (about
−2.5 mV/°C).
Figure 15. Zero Tempco Current Source
The set current (ISET) is the sum of I1 and I2, each contributing approximately 50% of the set current, and IBIAS.
IBIAS is usually included in the I1 term by increasing the VR value used for calculations by 5.9%. (See
CALCULATING RSET.)
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM134 LM234 LM334


Similar Part No. - LM234Z-6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM234Z-6 NSC-LM234Z-6 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6/NOPB TI1-LM234Z-6/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6/NOPB TI1-LM234Z-6/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
More results

Similar Description - LM234Z-6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM334M TI1-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM134/LM234/LM334 3-Terminal Adjustable Current Sources
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
[Old version datasheet]   3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com