Electronic Components Datasheet Search
Selected language     English  ▼


LM334SMX Datasheet(PDF) 2 Page - Texas Instruments

Part No. LM334SMX
Description  LM134/LM234/LM334 3-Terminal Adjustable Current Sources
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 2 page
background image
LM134, LM234, LM334
SNVS746E – MARCH 2000 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
V+ to VForward Voltage
LM134/LM234/LM334
40V
LM234-3/LM234-6
30V
V+ to VReverse Voltage
20V
R Pin to VVoltage
5V
Set Current
10 mA
Power Dissipation
400 mW
ESD Susceptibility(3)
2000V
Operating Temperature Range(4)
LM134
−55°C to +125°C
LM234/LM234-3/LM234-6
−25°C to +100°C
LM334
0°C to +70°C
Soldering Information
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
For elevated temperature operation, TJ max is:
LM134
150°C
LM234
125°C
LM334
100°C
See Thermal Characteristics.
Thermal Characteristics
over operating free-air temperature range (unless otherwise noted)
Thermal Resistance
TO-92
TO
SOIC-8
θja (Junction to Ambient)
180°C/W (0.4
″ leads)
440°C/W
165°C/W
160°C/W (0.125
″ leads)
θjc (Junction to Case)
N/A
32°C/W
80°C/W
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM134 LM234 LM334




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl