Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L15ACM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM78L15ACM
Description  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L15ACM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM78L15ACM Datasheet HTML 5Page - Texas Instruments LM78L15ACM Datasheet HTML 6Page - Texas Instruments LM78L15ACM Datasheet HTML 7Page - Texas Instruments LM78L15ACM Datasheet HTML 8Page - Texas Instruments LM78L15ACM Datasheet HTML 9Page - Texas Instruments LM78L15ACM Datasheet HTML 10Page - Texas Instruments LM78L15ACM Datasheet HTML 11Page - Texas Instruments LM78L15ACM Datasheet HTML 12Page - Texas Instruments LM78L15ACM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
www.ti.com
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
Typical Applications
*Required if the regulator is located more than 3
″ from the power supply filter.
**See (1) in the electrical characteristics table.
Figure 13. Fixed Output Regulator
VOUT = 5V + (5V/R1 + IQ) R2
5V/R1 > 3 IQ, load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of LM78L05)
Figure 14. Adjustable Output Regulator
IOUT = (VOUT/R1) + IQ
>IQ = 1.5mA over line and load changes
Figure 15. Current Regulator
(1)
Recommended minimum load capacitance of 0.01
μF to limit high frequency noise.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Similar Part No. - LM78L15ACM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78L15ACM NSC-LM78L15ACM Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78L15ACM NSC-LM78L15ACM Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM78L15ACM TI1-LM78L15ACM Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L15ACM TI1-LM78L15ACM Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
LM78L15ACM/NOPB TI1-LM78L15ACM/NOPB Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
More results

Similar Description - LM78L15ACM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM78L05 TI1-LM78L05 Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com