Electronic Components Datasheet Search |
|
LM1117IMPX-3.3 Datasheet(PDF) 6 Page - Texas Instruments |
|
LM1117IMPX-3.3 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 32 page LM1117-N, LM1117I SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013 www.ti.com LM1117I ELECTRICAL CHARACTERISTICS (continued) Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire junction temperature range for operation, −40°C to 125°C. Symbol Parameter Conditions Min(1) Typ(2) Max(1) Units ΔVOUT Line Regulation(3) LM1117I-ADJ IOUT = 10mA, 1.5V ≤ VIN-VOUT ≤ 13.75V 0.035 0.3 % LM1117I-3.3 IOUT = 0mA, 4.75V ≤ VIN ≤ 15V 1 10 mV LM1117I-5.0 IOUT = 0mA, 6.5V ≤ VIN ≤ 15V 1 15 mV ΔVOUT Load Regulation(3) LM1117I-ADJ VIN-VOUT = 3V, 10 ≤ IOUT ≤ 800mA 0.2 0.5 % LM1117I-3.3 VIN = 4.75V, 0 ≤ IOUT ≤ 800mA 1 15 mV LM1117I-5.0 VIN = 6.5V, 0 ≤ IOUT ≤ 800mA 1 20 mV VIN-V OUT Dropout Voltage(4) IOUT = 100mA 1.10 1.30 V IOUT = 500mA 1.15 1.35 V IOUT = 800mA 1.20 1.40 V ILIMIT Current Limit VIN-VOUT = 5V, TJ = 25°C 800 1200 1500 mA Minimum Load LM1117I-ADJ Current(5) VIN = 15V 1.7 5 mA Quiescent Current LM1117I-3.3 VIN ≤ 15V 5 15 mA LM1117I-5.0 VIN ≤ 15V 5 15 mA Thermal Regulation TA = 25°C, 30ms Pulse 0.01 0.1 %/W Ripple Regulation fRIPPLE =1 20Hz, VIN-VOUT = 3V VRIPPLE = 60 75 dB 1VPP Adjust Pin Current 60 120 μA Adjust Pin Current 10 ≤ IOUT≤ 800mA, Change 1.4V ≤ VIN-VOUT ≤ 10V 0.2 10 μA Temperature Stability 0.5 % Long Term Stability TA = 125°C, 1000Hrs 0.3 % RMS Output Noise (% of VOUT), 10Hz ≤ f ≤10kHz 0.003 % Thermal Resistance 3-Lead SOT-223 15.0 °C/W Junction-to-Case 3-Lead TO-263 10 °C/W Thermal Resistance 3-Lead SOT-223 (No heat sink) 136 °C/W Junction-to-Ambient 3-Lead TO-263 (No heat sink)(6) 92 °C/W No air flow) 8-Lead WSON(7) 40 °C/W (3) Load and line regulation are measured at constant junction room temperature. (4) The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is measured when the output voltage has dropped 100mV from the nominal value obtained at VIN = VOUT +1.5V. (5) The minimum output current required to maintain regulation. (6) Minimum pad size of 0.038in2 (7) Thermal Performance for the WSON was obtained using JESD51-7 board with six vias and an ambient temperature of 22°C. For information about improved thermal performance and power dissipation for the WSON, refer to Application Note AN-1187 (SNOA401). 6 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM1117-N LM1117I |
Similar Part No. - LM1117IMPX-3.3 |
|
Similar Description - LM1117IMPX-3.3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |