Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVM1504D Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # AVM1504D
Description  single-chip 3 channels timbre generator that can synthesize
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AVM1504D Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  AVM1504D Datasheet HTML 1Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 2Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 3Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 4Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 5Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 6Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 7Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 8Page - Aplus Intergrated Circuits AVM1504D Datasheet HTML 9Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AVM1504D
Rev 1.2
2002/11/6
2
7. ㆒個狀態輸出接腳 STS1 具有㆘列光罩選擇:
STS1 輸出的選擇
a) 停止播放時送出高位準脈衝。
b) 停止播放時送出低位準脈衝。
c) 播放時送出高位準訊號。
d) 播放時送出低位準訊號。
e) LED 6HZ。
f) LED 3HZ。
g) 聲音動態 2/4位準訊號。
h) 第1音樂頻道音符最初1/4拍或1/8拍閃爍。
純語音時,聲音動態
2/4位準訊號。
i) 第2音樂頻道音符最初1/4拍或1/8拍閃爍。
純語音時,聲音動態
2/4位準訊號。
j) 第1, 2音樂頻道音符最初1/4拍或1/8拍閃爍。
純語音時,聲音動態
2/4位準訊號。
Dynamic 的意思是 LED 會隨著聲音的振幅大小閃爍。
※每個指令組㆗,
STS1 可被編輯為致能或非致能。
※停止播放脈衝的寬度為:
15ms--45ms (播放速度為 6KHz 時寬度為 40ms)
備註:
LED 3Hz 和 6Hz 會依據播放速度 (5.3KHz 到 16KHz) 而有所不同。實際播放完畢輸出脈衝的
寬度根據最後的播放速度而定。
8. 具有播放完畢輸出脈衝內部回授至輸入腳的光罩選項。
9. 貪睡功能描述:
1. 貪睡功能的使用需要用到 2 個指令組:
第㆒個指令組用來儲存設定時間到達時的鬧鈴音樂聲。
第㆓個指令組用來儲存貪睡時間。
2. 詳細方式請見時序圖6。


Similar Part No. - AVM1504D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
AVM-273HP MINI-AVM-273HP Datasheet
1Mb / 7P
   Monolithic Amplifier
AVM-273HPK MINI-AVM-273HPK Datasheet
427Kb / 5P
   Monolithic Amplifier Subsystem
logo
Kemet Corporation
AVM301 KEMET-AVM301 Datasheet
115Kb / 1P
   Automatic Winding Machine for Miniature Capacitors
logo
Aplus Intergrated Circu...
AVM3324C APLUS-AVM3324C Datasheet
384Kb / 12P
   single-chip 3 channel timbre generator that can synthesize
logo
Kemet Corporation
AVM406 KEMET-AVM406 Datasheet
550Kb / 1P
   Automatic Winding Machine for Metallized Film Capacitors
More results

Similar Description - AVM1504D

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AVM3324C APLUS-AVM3324C Datasheet
384Kb / 12P
   single-chip 3 channel timbre generator that can synthesize
logo
Asahi Kasei Microsystem...
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
logo
Maxim Integrated Produc...
MAX33012E MAXIM-MAX33012E Datasheet
2Mb / 9P
   Signal/function generator that can generate 2.5MHz square wave signal
Rev 1; 4/21
logo
Asahi Kasei Microsystem...
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
logo
SHANGHAI BELLING CO., L...
BL8582 BELLING-BL8582 Datasheet
181Kb / 6P
   Single-Wire Dimming, 3-Channels WLED Linear Drive
logo
GREEGOO Electric Co.,Lt...
GCM-5A10N32 GREEGOO-GCM-5A10N32 Datasheet
576Kb / 3P
   GCM-5A10N32 ( 3 channels NO & 2 channels NC )
logo
STMicroelectronics
L6285 STMICROELECTRONICS-L6285 Datasheet
303Kb / 16P
   3 CHANNELS MULTIPOWER SYSTEM
logo
SiTime Corp.
SIT2020B SITIME-SIT2020B Datasheet
912Kb / 17P
   Single-Chip, One-Output Clock Generator
SIT2001B SITIME-SIT2001B Datasheet
623Kb / 17P
   Single-Chip, One-Output Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com