Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU2064 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # AU2064
Description  single chip voice synthesizer with 4-bit microprocessor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AU2064 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  AU2064 Datasheet HTML 1Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 2Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 3Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 4Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 5Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 6Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 7Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 8Page - Aplus Intergrated Circuits AU2064 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC Characteristics :( VDD=3V, VSS=0V )
Symbol
Parameter
Min.
Tpy.
Max.
Unit
Condition
VDD
Operating Voltage
2.4
3
6
V
ISB
Standby Current
1
uA
VDD=3V, no load
IOP
Operation Current
uA
VOH1
Output High Voltage
(IOA, IOB, P)
3
V
VOL1
Output Low Voltage
(IOA, IOB, P)
0
V
VOH2
Output High Voltage
(TRG)
3
V
VOL2
Output Low Voltage
(TRG)
0
V
RI1
Input Resistance (S,
M)
1.3
Mohm
"L"
-level hold Tr.=OFF
Pull-down Tr.=ON
R12
Input Resistance
(S, M)
230
Kohm
"L"-level hold Tr.=ON
Pull-down Tr.=OFF
R13
Input Resistance
(INT/BUSY)
Kohm
R14
Input Resistance
(RESET)
16.8
Kohm
IO1
O/P Current
VOUT1, VOUT2
-1.5
mA
full scale
-3
ICO
O/P Current
(COUT)
-4.5
F/F
Crystal Oscillator
Frequency Stability
%
F/F
Voice Oscillator
Frequency Variation
%
Rev 2.0
4
AU Series


Similar Part No. - AU2064

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU211 PHILIPS-AU211 Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
AU211D PHILIPS-AU211D Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
logo
Applied Power Microelec...
AU2401D5 APMICRO-AU2401D5 Datasheet
1Mb / 4P
   1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
   1-Line Uni-directional TVS Diode
AU2401P4-3 APMICRO-AU2401P4-3 Datasheet
1Mb / 4P
   1-Line High Power TVS Diode
More results

Similar Description - AU2064

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
   very low cost voice synthesizer with 4-bit microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com