Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU1038A-101Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU1038A-101Y
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU1038A-101Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU1038A-101Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU1038A-101Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.2
(.283)
7.4
(.291)
TYP.
TYP.
10.0 ± 0.3
(.394 ± .012)
1.8
(.071)
1.8
(.071)
4.0
(.157)
3.4
(.134)
TYP.
3.2
(.126)
TYP.
3.4
(.134)
3.8 ± 0.3
(.150 ± .012)
10.0 ± 0.3
(.394 ± .012)
Features
Shielded construction
Inductance range: 1.5 to 330 µH
Heating current up to 7.2 A
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
DC/DC converters
Power supplies
SRU1038A Series - Shielded Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................. +245 °C for 10 sec.
Temperature Rise
......................40 °C typ. at rated I rms
Inductance Drop .......... 35 % typ. at I sat
Electrical Specifications @ 25 °C
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish .........................Ag/Ni/Sn
Packaging.................... 800 pcs. per reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
How to Order
SRU1038A - 100Y
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be
“halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less;
and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Schematic
Inductor Connection
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Bourns
Part Number
Inductance
@ 100 KHz / 1 V
Q
(Ref.)
Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR
(m
Ω)
Max.
I rms
(A)
I sat
(A)
L (µH)
Tol. (%)
SRU1038A-1R5Y
1.5
±30
14
7.96
65
7.5
7.2
7.0
SRU1038A-2R2Y
2.2
±30
12
7.96
55
10.5
6.8
6.5
SRU1038A-3R5Y
3.5
±30
14
7.96
35
15
5.5
5.5
SRU1038A-5R0Y
5.0
±30
12
7.96
30
22
4.6
4.8
SRU1038A-6R2Y
6.2
±30
12
7.96
25
24
4.0
4.2
SRU1038A-100Y
10
±30
24
2.52
20
35
3.8
3.6
SRU1038A-150Y
15
±30
24
2.52
16
50
2.8
2.7
SRU1038A-220Y
22
±30
20
2.52
12
75
2.2
2.3
SRU1038A-330Y
33
±30
22
2.52
10
112
1.8
1.8
SRU1038A-470Y
47
±30
22
2.52
8
160
1.65
1.6
SRU1038A-680Y
68
±30
24
2.52
7
216
1.1
1.3
SRU1038A-101Y
100
±30
24
0.796
6
300
1.0
1.1
SRU1038A-151Y
150
±30
20
0.796
5
476
0.9
0.8
SRU1038A-221Y
220
±30
22
0.796
4
740
0.65
0.65
SRU1038A-331Y
330
±30
20
0.796
3
1000
0.55
0.52
LCR METER
100


Similar Part No. - SRU1038A-101Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU1038 BOURNS-SRU1038 Datasheet
156Kb / 2P
   SRU1038 Series - Shielded SMD Power Inductors
SRU1038 BOURNS-SRU1038 Datasheet
234Kb / 2P
   Shielded SMD Power Inductors
SRU1038-100Y BOURNS-SRU1038-100Y Datasheet
156Kb / 2P
   SRU1038 Series - Shielded SMD Power Inductors
SRU1038-100Y BOURNS-SRU1038-100Y Datasheet
234Kb / 2P
   Shielded SMD Power Inductors
SRU1038-101Y BOURNS-SRU1038-101Y Datasheet
156Kb / 2P
   SRU1038 Series - Shielded SMD Power Inductors
More results

Similar Description - SRU1038A-101Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com