Electronic Components Datasheet Search |
|
DAF25PNBT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
DAF25PNBT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 6 page Crimp D FLEXIBLE AND FAST ASSEMBLY D SUB-MINIATURE High Density D INCREASED DENSITY D SUB-MINIATURE FEATURES Replaceable contacts – no connector wastage. Two contact performance levels – Budget for commercial and Standard for industrial applications. Accepts wire sizes of 20 to 28 AWG – offers greater flexibility. Tinned and dimpled shell options – for effective EMI/RFI shielding. Complete selection of crimp tooling enables quick assembly. Wire strip length 2.4 ± 0.2mm. FEATURES Tinned and dimpled shell as standard for enhanced electrical continuity and effective EMI/RFI shielding. Threaded inserts – enable quick assembly of mounting hardware to 90° p.c. versions. Solder bucket, straight p.c. 90° p.c. and crimp termination styles. Optional screwlocks and solderable boardlocks fitted to 90° p.c. versions. Compatible with Standard D range accessories. All ranges: female No.of contacts 9 15 25 37 50 A 31.19 30, 43 39.52 38.76 53.42 52.65 69.70 68.94 67.34 66.55 B 16.46 16.21 24.79 24.54 38.51 38.25 54.97 54.71 52.56 52.30 C 25.12 24.87 33.45 33.20 47.17 46.91 63.63 63.37 61.24 60.99 D 8.03 7.77 8.03 7.77 8.03 7.77 8.03 7.77 10.87 10.62 E 12.93 12.17 12.93 12.17 12.93 12.17 12.93 12.17 15.75 14.99 F 6.30 6.05 6.30 6.05 6.30 6.05 6.30 6.05 6.30 6.05 Maximum flexibility and reduced assembly costs are achieved through full or partial loading of selectively plated stamped and formed contacts. Increased contact density is provided in five industry standard shell sizes providing up to 78 contacts. A choice of four termination styles including crimp are available making this range one of the most versatile. ASSEMBLY TOOLS AND HAND TOOLS r: 1.04 max F A B C r: 2.54 D E 10º FRONT FACE 11 max 12.5 9.1 2.3 4.3 10.5 9.5 5.3 Ø 0.6 9.0 11.5 14.0 Ø 0.6 3.3 11 max Crimp Hand Crimp Tool MP600-D/HD Insertion/extraction tool MP601-D or MP601-HD Solder Bucket Straight P. C. 90º P. C. Crimp r: 1.30 0.75 |
Similar Part No. - DAF25PNBT |
|
Similar Description - DAF25PNBT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |