Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA16A Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # P4SMA16A
Description  SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATT, 5.0 THRU 220 VOLT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

P4SMA16A Datasheet(HTML) 3 Page - Central Semiconductor Corp

  P4SMA16A Datasheet HTML 1Page - Central Semiconductor Corp P4SMA16A Datasheet HTML 2Page - Central Semiconductor Corp P4SMA16A Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
R1 (18-March 2013)
P4SMA5.0A
THRU
P4SMA220A
SURFACE MOUNT SILICON
UNI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
400 WATT, 5.0 THRU 220 VOLT
www.centr a lsemi.com


Similar Part No. - P4SMA16A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA16A WTE-P4SMA16A Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA16A DGNJDZ-P4SMA16A Datasheet
100Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA16A SSC-P4SMA16A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
P4SMA16A YFWDIODE-P4SMA16A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Ruilongyuan Electronics...
P4SMA16A RUILON-P4SMA16A Datasheet
878Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4SMA16A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
5SMC33A_170A CENTRAL-5SMC33A_170A Datasheet
903Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 5000 WATT, 33 THRU 170 VOLT
C4SMAFL8.5A CENTRAL-C4SMAFL8.5A Datasheet
1,002Kb / 3P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS
3SMC50A CENTRAL-3SMC50A Datasheet
142Kb / 2P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC5.0A CENTRAL-1SMC5.0A_09 Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMB5.0A CENTRAL-1SMB5.0A_09 Datasheet
678Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
1.5SMC6.8A CENTRAL-1.5SMC6.8A_09 Datasheet
662Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
3SMC5.0A CENTRAL-3SMC5.0A_09 Datasheet
663Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS
P6SMB6.8A CENTRAL-P6SMB6.8A_10 Datasheet
840Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com