Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5817WS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B5817WS
Description  Halogen free available upon request by adding suffix
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B5817WS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B5817WS Datasheet HTML 1Page - List of Unclassifed Manufacturers B5817WS Datasheet HTML 2Page - List of Unclassifed Manufacturers B5817WS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B5817WS
Thru
B5819WS
1 Amp Schottky
Barrier Rectifier
20 - 40 Volts
Features
Guard Ring Protection
Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters
High Surge Current Capability
Operating Temperature: -65
to +125
Storage Temperature: -65
to +150
Maximum Thermal Resistance; 500
/W Junction To Ambient
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
B5817WS
SJ
20V
14V
20V
B5818WS
SK
30V
21V
30V
B5819WS
SL
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Tc = 90
Peak Forward Surge
Current
IFSM
10A
8.3ms, half sine
0.45V
0.55V
0.60V
IFM = 1.0A;
TJ = 25
(Note 1)
Maximum
Instantaneous
Forward Voltage
B5817WS
B5818WS
B5819WS
VF
0.75V
0.875V
0.90V
IFM = 3A;
TJ = 25
(Note 1)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1mA
TA = 25
Typical junction
capacitance
CJ
120pF
Measured at
1.0MHz , VR=4.0V
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
SOD-323
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Maximum Ratings
Notes:
1.
Pulse Test: Pulse Width 300usec, Duty Cycle 2%
Revision: B
2013/01/01
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - B5817WS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B5817WS AITSEMI-B5817WS Datasheet
456Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 40V FORWARD CURRENT 1A
REV1.0
logo
Jiangsu Changjiang Elec...
B5817WS JIANGSU-B5817WS Datasheet
28Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
B5817WS TSC-B5817WS Datasheet
144Kb / 5P
   SOD-323 20~40V/1A Schottky Diode
logo
Jiangsu High diode Semi...
B5817WS HDSEMI-B5817WS Datasheet
2Mb / 4P
   SOD323 Plastic-Encapsulate Diodes
logo
SAMYANG ELECTRONICS CO....
B5817WS SAMYANG-B5817WS Datasheet
1Mb / 4P
   Schottky Barrier Rectifier
More results

Similar Description - B5817WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR5010-TP MCC-SR5010-TP Datasheet
236Kb / 3P
   Halogen free available upon request by adding suffix
ESDLC3603P3 MCC-ESDLC3603P3 Datasheet
394Kb / 4P
   Halogen free available upon request by adding suffix
logo
List of Unclassifed Man...
SD107WS-TP ETC2-SD107WS-TP Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
1N5819-BP ETC1-1N5819-BP Datasheet
427Kb / 3P
   Halogen free available upon request by adding suffix
logo
Shanghai Leiditech Elec...
SMD15PL LEIDITECH-SMD15PL Datasheet
381Kb / 2P
   Halogen free available upon request by adding suffix
logo
Micro Commercial Compon...
DFLZ18-TP MCC-DFLZ18-TP Datasheet
341Kb / 4P
   Halogen free available upon request by adding suffix -HF
logo
List of Unclassifed Man...
BAV21WS-TP ETC2-BAV21WS-TP Datasheet
273Kb / 4P
   Halogen free available upon request by adding suffix "-HF"||" "586709
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Micro Commercial Compon...
MMBZ5248B-TP MCC-MMBZ5248B-TP Datasheet
242Kb / 5P
   Halogen free available upon request by adding suffix "-HF"||" "520148
Ceramic Trimmer Capacitors Crystal oscillators Han
S3MB-TP MCC-S3MB-TP Datasheet
715Kb / 3P
   Halogen free available upon request by adding suffix "-HF"||" "520150
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffi
logo
List of Unclassifed Man...
RB551V-30-TP ETC2-RB551V-30-TP Datasheet
197Kb / 2P
   Halogen free available upon request by adding suffix "-HF"||" "585661
Current-compensated Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com