Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZC-00CW00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LZC-00CW00
Description  High Luminous Efficacy Cool White LED Emitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LZC-00CW00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LZC-00CW00 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZC-00CW00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LedEngin, Inc.
2
LZC-00CW40 (01/12/10)
Table of Contents
Product Nomenclature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Luminous Flux Binning. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Forward Voltage Binning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Cool White Chromaticity Binning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
IPC/JEDEC Moisture Sensitivity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Average Lumen Maintenance Projections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Typical Radiation Pattern . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Optical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Mechanical Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Pin-Out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Recommended Solder Pad Layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
Reflow Soldering Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
Typical Relative Spectral Power Distribution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Typical Relative Light Output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Typical Relative Light Output over Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Typical Forward Current Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Current Derating Curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
MCPCB Option Configuration. . . .. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11
Company Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


Similar Part No. - LZC-00CW00

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LZC1 HONEYWELL-ACC-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZC1 ETC1-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Similar Description - LZC-00CW00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
   5mm Round Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
   3mm Tower Cool White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com