Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZC-00CW40 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LZC-00CW40
Description  High Luminous Efficacy Cool White LED Emitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LZC-00CW40 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LZC-00CW40 Datasheet HTML 1Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 2Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZC-00CW40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LedEngin, Inc.
5
LZC-00CW40 (01/12/10)
IPC/JEDEC Moisture Sensitivity Level
Table 4 - IPC/JEDEC J-STD-20.1 MSL Classification:
Soak Requirements
Floor Life
Standard
Accelerated
Level
Time
Conditions
Time (hrs)
Conditions
Time (hrs)
Conditions
1
unlimited
≤ 30°C/
85% RH
168
+5/-0
85°C/
85% RH
n/a
n/a
Notes for Table 4:
1.
The standard soak time includes a default value of 24 hours for semiconductor manufacturer’s exposure time
(MET) between bake and bag and includes the maximum time allowed out of the bag at the distributor’s facility.
Average Lumen Maintenance Projections
Lumen maintenance generally describes the ability of a lamp to retain its output over time. The
useful lifetime for solid state lighting devices (Power LEDs) is also defined as Lumen
Maintenance, with the percentage of the original light output remaining at a defined time period.
Based on long-term WHTOL testing, LedEngin projects that the LZ Series will deliver, on
average, 90% Lumen Maintenance at 100,000 hours of operation at a forward current of
700 mA per die. This projection is based on constant current operation with junction
temperature maintained at or below 125°C.
Typical Radiation Pattern
Figure 2: Typical representative spatial radiation pattern.


Similar Part No. - LZC-00CW40

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
LZC1 HONEYWELL-ACC-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZC1 ETC1-LZC1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Similar Description - LZC-00CW40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00WW00 ETC-LZ9-00WW00 Datasheet
1Mb / 23P
   High Luminous Efficacy Warm White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
   High efficacy 2016 EMC white LED
Rev. 1.0
logo
OptoSupply Internationa...
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
   5mm Round Cool White LED
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
   COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
   3mm Tower Cool White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com