Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N0118GA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # N0118GA
Description  SCR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

N0118GA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button N0118GA Datasheet HTML 4Page - NXP Semiconductors N0118GA Datasheet HTML 5Page - NXP Semiconductors N0118GA Datasheet HTML 6Page - NXP Semiconductors N0118GA Datasheet HTML 7Page - NXP Semiconductors N0118GA Datasheet HTML 8Page - NXP Semiconductors N0118GA Datasheet HTML 9Page - NXP Semiconductors N0118GA Datasheet HTML 10Page - NXP Semiconductors N0118GA Datasheet HTML 11Page - NXP Semiconductors N0118GA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
N0118GA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 July 2011
8 of 13
NXP Semiconductors
N0118GA
SCR
Fig 13. Normalized dVd/dt immunity as a function of
gate-cathode capacitance (typical values)
Fig 14. Normalized dVd/dt immunity as a function of
gate-cathode resistance (typical values)
(nF)
06
4
2
003aag089
20
40
60
A
B
0
CGK
003aag088
1
10
10-1
RGK (kΩ)
0
2.0
1.6
0.8
1.2
0.4
A
B


Similar Part No. - N0118GA

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
N0118GA WEEN-N0118GA Datasheet
260Kb / 13P
   SCR
More results

Similar Description - N0118GA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com