Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX250F128D Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC32MX250F128D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX250F128D Datasheet(HTML) 4 Page - Microchip Technology

  PIC32MX250F128D Datasheet HTML 1Page - Microchip Technology PIC32MX250F128D Datasheet HTML 2Page - Microchip Technology PIC32MX250F128D Datasheet HTML 3Page - Microchip Technology PIC32MX250F128D Datasheet HTML 4Page - Microchip Technology PIC32MX250F128D Datasheet HTML 5Page - Microchip Technology PIC32MX250F128D Datasheet HTML 6Page - Microchip Technology PIC32MX250F128D Datasheet HTML 7Page - Microchip Technology PIC32MX250F128D Datasheet HTML 8Page - Microchip Technology PIC32MX250F128D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 320 page
background image
PIC32MX1XX/2XX
DS61168D-page 4
Preliminary
© 2011-2012 Microchip Technology Inc.
Pin Diagrams
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 11.3 “Peripheral
Pin Select” for restrictions.
2:
Every I/O port pin (RAx-RCx) can be used as a change notification pin (CNAx-CNCx). See Section 11.0 “I/O Ports” for more
information.
MCLR
VREF+/CVREF+/AN0/C3INC/RPA0/CTED1/RA0
VREF-/CVREF-/AN1/RPA1/CTED2/RA1
AN9/C3INA/RPB15/SCK2/CTED6/PMCS1/RB15
PGED1/AN2/C1IND/C2INB/C3IND/RPB0/RB0
CVREF/AN10/C3INB/RPB14/SCK1/CTED5/PMWR/RB14
PGEC1/AN3/C1INC/C2INA/RPB1/CTED12/RB1
AN11/RPB13/CTPLS/PMRD/RB13
AN4/C1INB/C2IND/RPB2/SDA2/CTED13/RB2
AN12/PMD0/RB12
PGEC2/TMS/RPB11/PMD1/RB11
VSS
PGED2/RPB10/CTED11/PMD2/RB10
OSC1/CLKI/RPA2/RA2
OSC2/CLKO/RPA3/PMA0/RA3
VSS
SOSCI/RPB4/RB4
TDO/RPB9/SDA1/CTED4/PMD3/RB9
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
TCK/RPB8/SCL1/CTED10/PMD4/RB8
VDD
TDI/RPB7/CTED3/PMD5/INT0/RB7
PGEC3/RPB6/PMD6/RB6
MCLR
AVDD
AVSS
AN5/C1INA/C2INC/RTCC/RPB3/SCL2/RB3
VSS
VSS
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
VDD
MCLR
VSS
VSS
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
VDD
28-Pin SOIC, SPDIP, SSOP(1,2)
= Pins are up to 5V tolerant
MCLR
VSS
VCAP
VSS
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
VDD
PGED3/RPB5/PMD7/RB5
MCLR
128
AVDD
PGED3/VREF+/CVREF+/AN0/C3INC/RPA0/CTED1/PMD7/RA0
227
AVSS
PGEC3/VREF-/CVREF-/AN1/RPA1/CTED2/PMD6/RA1
3
26
AN9/C3INA/RPB15/SCK2/CTED6/PMCS1/RB15
PGED1/AN2/C1IND/C2INB/C3IND/RPB0/PMD0/RB0
4
25
CVREF/AN10/C3INB/RPB14/VBUSON/SCK1/CTED5/RB14
PGEC1/AN3/C1INC/C2INA/RPB1/CTED12/PMD1/RB1
5
24
AN11/RPB13/CTPLS/PMRD/RB13
AN4/C1INB/C2IND/RPB2/SDA2/CTED13/PMD2/RB2
6
23
VUSB3V3
AN5/C1INA/C2INC/RTCC/RPB3/SCL2/PMWR/RB3
7
22
PGEC2/RPB11/D-/RB11
VSS
8
21
PGED2/RPB10/D+/CTED11/RB10
OSC1/CLKI/RPA2/RA2
9
20
VCAP
OSC2/CLKO/RPA3/PMA0/RA3
10
19
VSS
SOSCI/RPB4/RB4
11
18
TDO/RPB9/SDA1/CTED4/PMD3/RB9
SOSCO/RPA4/T1CK/CTED9/PMA1/RA4
12
17
TCK/RPB8/SCL1/CTED10/PMD4/RB8
VDD
13
16
TDI/RPB7/CTED3/PMD5/INT0/RB7
TMS/RPB5/USBID/RB5
14
15
VBUS
128
227
326
425
524
623
722
821
920
10
19
11
18
12
17
13
16
14
15


Similar Part No. - PIC32MX250F128D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX250F128D MICROCHIP-PIC32MX250F128D Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
More results

Similar Description - PIC32MX250F128D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
PIC24HJ32GP302 MICROCHIP-PIC24HJ32GP302_12 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com