Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7545BRPFI Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 7545BRPFI
Description  12-Bit Buffered Multiplying Digital to Analog Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

7545BRPFI Datasheet(HTML) 3 Page - Maxwell Technologies

  7545BRPFI Datasheet HTML 1Page - Maxwell Technologies 7545BRPFI Datasheet HTML 2Page - Maxwell Technologies 7545BRPFI Datasheet HTML 3Page - Maxwell Technologies 7545BRPFI Datasheet HTML 4Page - Maxwell Technologies 7545BRPFI Datasheet HTML 5Page - Maxwell Technologies 7545BRPFI Datasheet HTML 6Page - Maxwell Technologies 7545BRPFI Datasheet HTML 7Page - Maxwell Technologies 7545BRPFI Datasheet HTML 8Page - Maxwell Technologies 7545BRPFI Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
All data sheets are subject to change without notice
©2007 Maxwell Technologies
All rights reserved.
12-Bit Buffered Multiplying
Digital to Analog Converter
7545B
07.26.07 Rev 1
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
DD
±10%
TABLE 4. 7545B SPECIFICATIONS
(V
DD = +5 V ±10%, TA = -55 TO 125
°C UNLESS OTHERWISE NOTED)
TEST
SYMBOL
TEST CONDITION
SUBGROUPS
MIN
MAX
UNIT
Resolution
RES
1, 2, 3
12
--
Bits
Relative Accuracy
RA
1, 2, 3
-1/2
1/2
LSB
Differential Nonlinearity
DNL
12-Bit Monotonic T
MIN to TMAX
1, 2, 3
-1
1
LSB
Gain Error 1
1. Measured using feedback resistor.
A
E
DAC Register Loaded with 1111
1111 1111
1, 2, 3
-4
4
LSB
Gain Temperature Coefficient2
2. Guaranteed by design.
TC
AE
1, 2, 3
-5
5
ppm/°C
Power Supply Rejection
PSRR
V
DD = 5%
1, 2, 3
-0.004
0.004
%/%
Output Current Settling Time2
t
SL
To 1/2LSB; OUT1 Load = 100
,
DAC Output Measured from Fall-
ing Edge of WR. CS = 0V
1, 2, 3
--
2
µ s
Feed through Error
FT
1, 2, 3
5 (typical)
mV p-p
Reference Input Resistance
(Pin 19 to Ground)2
R
IN
1, 2, 3
10
25
K
Digital Input High Voltage
V
IH
1, 2, 3
2.4
--
V
Digital Input Low Voltage
V
IL
1, 2, 3
--
0.8
V
Digital Input Leakage Current
I
IN
V
IN = 0 V or VDD
1, 2, 3
-10
10
µ A
Digital Input Capacitance2
C
IN
DB0 - DB11; WR, CS
1, 2, 3
--
20
pF
Output Capacitance2
C
OUT1
DB0 - DB11 = 0 V, WR, CS = 0V
1, 2, 3
--
70
pF
DB0 - DB11 = V
DD, WR, CS = 0V
1, 2, 3
--
200
Chip Select to Write Setup
Time2
t
CS
t
CS > tWR, tCH > 0
9, 10, 11
380
--
nS
Chip Select to Write Hold Time2
t
CH
9, 10, 11
0
--
Write Pulse Width2
t
WR
9, 10, 11
400
--
Data Setup Time2
t
DS
9, 10, 11
210
--
Data Hold Time2
t
DH
9, 10, 11
10
--
Supply Current from V
DD
I
DD
All Digital Inputs V
IL or VIH
1, 2, 3
--
2
mA
All Digital Inputs 0 or V
DD
1, 2, 3
--
500
µ A


Similar Part No. - 7545BRPFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7545 RENESAS-7545 Datasheet
1,007Kb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Heyco.
7545 HEYCO-7545 Datasheet
169Kb / 1P
   Specialty Female Connectors
logo
Molex Electronics Ltd.
75450-0001 MOLEX-75450-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75450-5001 MOLEX-75450-5001 Datasheet
60Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
75451-0001 MOLEX-75451-0001 Datasheet
141Kb / 2P
   0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
More results

Similar Description - 7545BRPFI

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
   CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
   CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
   5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
   LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com