Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79C0408RPFH15 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 79C0408RPFH15
Description  4 Megabit EEPROM MCM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0408RPFH15 Datasheet(HTML) 3 Page - Maxwell Technologies

  79C0408RPFH15 Datasheet HTML 1Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 2Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 3Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 4Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 5Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 6Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 7Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 8Page - Maxwell Technologies 79C0408RPFH15 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
4 Megabit (512k x 8-bit) EEPROM MCM
79C0408
10.13.04 Rev 15
TABLE 4. 79C0408 CAPACITANCE1
(T
A = 25
°C, f = 1 MHz)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Capacitance: V
IN = 0 V
1
WE
CE
1-4
OE
A
0-16
1. Guaranteed by design.
C
IN
--
--
--
--
24
6
24
24
pf
Output Capacitance: V
OUT = 0 V
1
C
OUT
48
pF
TABLE 5. DELTA PARAMETERS
PARAMETER
CONDITION
I
CC1
+ 10% of value in Table 6
I
CC2
+ 10% of value in Table 6
I
CC3
+ 10% of value in Table 6
I
CC4
+ 10% of value in Table 6
TABLE 6. 79C0408 DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ± 10%, T
A = -55 TO +125° C)
PARAMETER
TEST CONDITION
SYMBOL
SUBGROUPS
MIN
MAX
UNITS
Input Leakage Current
V
CC = 5.5V, VIN = 5.5V
1
I
IL
1, 2, 3
µ A
CE
1-4
--
2 1
OE, WE
--
8
A
0-16
--
8
Output Leakage Current
V
CC = 5.5V, VOUT = 5.5V/0.4V
I
LO
1, 2, 3
--
8
µ A
Standby V
CC Current
CE = V
CC
I
CC1
--
80
µ A
CE = V
IH
I
CC2
--
4
mA
Operating V
CC Current
2
I
OUT = 0mA, Duty = 100%,
Cycle = 1µ s at V
CC = 5.5V
I
CC3
1, 2, 3
--
15
mA
I
OUT = 0mA, Duty = 100%,
Cycle = 150ns at V
CC = 5.5V
I
CC4
1, 2, 3
--
50
Input Voltage
RES_PIN
V
IL
1, 2, 3
--
0.8
V
V
IH
2.2
--
V
H
V
CC -0.5
--
Output Voltage
I
OL = 2.1 mA
V
OL
1, 2, 3
--
0.4
V
I
OH = -0.4 mA
V
OH
2.4
--


Similar Part No. - 79C0408RPFH15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0408RPFH-12 MAXWELL-79C0408RPFH-12 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0408RPFH-15 MAXWELL-79C0408RPFH-15 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0408RPFH-20 MAXWELL-79C0408RPFH-20 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
More results

Similar Description - 79C0408RPFH15

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com