Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0620 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 0620
Description  Rotary Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

0620 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  0620 Datasheet HTML 1Page - Bourns Electronic Solutions 0620 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to Order
0620 - 013 U 500 - A B 103
Model Type
• 0620
Terminal Style
• 013 (Sealed, available
with H & U bushing
type only)
• 057 (Locking bushing,
Available with G
bushing type only)
• 313 (Available with H & U
bushing types only)
• 613 (Available with H & U
bushing types only)
Other versions available
upon request.
Bushing & Shaft Type
U = 7 mmD x 8 mmL,
Shaft 4 mmD
H = 7 mmD x 5 mmL,
Shaft 4 mmD
G = 7 mmD x 12 mmL,
Shaft 4 mmD
Shaft Length
• 500 = 50 mm
Other lengths avail. upon request.
Independent Linearity
A = ±5 %
Other versions available
upon request.
Element Taper
B = Linear Cermet ±20 %
E = Linear Cermet ±10 %
L = Linear Cermet ±5 %
Resistance Code
Other versions available upon request.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 01/11
0620 - Rotary Potentiometer
Product Dimensions
DIA.
DIA.
4.0
(.157)
5.5
(.217)
M7x0.75
0.5
(.020)
2.0
(.079)
SW10
SCREW NUTS AND WASHER
SUPPLIED LOOSE
10.3
(.406)
OUTER DIA.
7.2
(.283)
INNER DIA.
SEALED
WITH
POTTING
COMPOUND
2.5
(.098)
5.0
(.197)
1.3 +0.1/-0
(.051 +.004/-0)
15.0
(.591)
5.0
(.197)
1
2
3
12.0 +0.2/-0
(.472 +.008/-0)
50 ± 0.5
(1.969 ± .020)
1.1 +0/-0.1
(.043 +0/-.004)
0.5
(.020)
1.6 +0.2/-0.5
(.063 +.008/-.020)
13.0
(.512)
15.5
(.610)
7.0 +0/-0.1
(.276 +0/-.004)
2.5
(.098)
B
4.0
(.157)
B
8.0 ± 0.05
(.315 ± .002)
12.0 ± 0.05
(.472 ± .002)
0620-613
Recommended PCB Layout


Similar Part No. - 0620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
06200 ETC2-06200 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
06200.61.06 ETC2-06200.61.06 Datasheet
119Kb / 2P
   FrogHide짰 Ultra Flex짰 Extension Cords
logo
Tyco Electronics
06201000 MACOM-06201000 Datasheet
5Mb / 85P
   tyco electronics contents
06201001 MACOM-06201001 Datasheet
5Mb / 85P
   tyco electronics contents
06201002 MACOM-06201002 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - 0620

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
EC10A12V070 PRODUCTWELL-EC10A12V070 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC10A12V090 PRODUCTWELL-EC10A12V090 Datasheet
114Kb / 1P
   ROTARY POTENTIOMETER
EC12E24H01 PRODUCTWELL-EC12E24H01 Datasheet
105Kb / 1P
   ROTARY POTENTIOMETER
R09A11VA1 PRODUCTWELL-R09A11VA1 Datasheet
124Kb / 2P
   ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01 Datasheet
133Kb / 2P
   ROTARY POTENTIOMETER
R24211AB1 PRODUCTWELL-R24211AB1 Datasheet
117Kb / 2P
   ROTARY POTENTIOMETER
R24311CB2 PRODUCTWELL-R24311CB2 Datasheet
119Kb / 2P
   ROTARY POTENTIOMETER
R16A11VF1 PRODUCTWELL-R16A11VF1 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
R16A12HB1 PRODUCTWELL-R16A12HB1 Datasheet
126Kb / 2P
   ROTARY POTENTIOMETER
R1681NVB1 PRODUCTWELL-R1681NVB1 Datasheet
129Kb / 2P
   ROTARY POTENTIOMETER
R09711BV1 PRODUCTWELL-R09711BV1 Datasheet
120Kb / 1P
   ROTARY POTENTIOMETER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com