Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79C0408RT1FK20 Datasheet(PDF) 6 Page - Maxwell Technologies

Part # 79C0408RT1FK20
Description  4 Megabit EEPROM MCM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0408RT1FK20 Datasheet(HTML) 6 Page - Maxwell Technologies

Back Button 79C0408RT1FK20 Datasheet HTML 2Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 3Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 4Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 5Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 6Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 7Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 8Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 9Page - Maxwell Technologies 79C0408RT1FK20 Datasheet HTML 10Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
All data sheets are subject to change without notice
©2004 Maxwell Technologies
All rights reserved.
4 Megabit (512k x 8-bit) EEPROM MCM
79C0408
10.13.04 Rev 15
Output Enable to Write Setup Time
-120
-150
-200
t
OES
9, 10, 11
0
0
0
--
--
--
ns
Output Enable Hold Time
-120
-150
-200
t
OEH
9, 10, 11
0
0
0
--
--
--
ns
Write Cycle Time2
-120
-150
-200
t
WC
9, 10, 11
--
--
--
10
10
10
ms
Data Latch Time
-120
-150
-200
t
DL
9, 10, 11
250
300
400
--
--
--
ns
Byte Load Window
-120
-150
-200
t
BL
9, 10, 11
100
100
200
--
--
--
µs
Byte Load Cycle
-120
-150
-200
t
BLC
9, 10, 11
0.55
0.55
0.95
30
30
30
µs
Time to Device Busy
-120
-150
-200
t
DB
9, 10, 11
100
120
170
--
--
--
ns
Write Start Time3
-120
-150
-200
t
DW
9, 10, 11
150
150
250
--
--
--
ns
RES to Write Setup Time
-120
-150
-200
t
RP
9, 10, 11
100
100
200
--
--
--
µs
V
CC to RES Setup Time
4
-120
-150
-200
t
RES
9, 10, 11
1
1
3
--
--
--
µs
1. Use this divice in a longer cycle than this value.
2. t
WC must be longer than this value unless polling techniques or RDY/BUSY are used. This device automatically completes the
internal write operation within this value.
TABLE 8. 79C0408 AC ELECTRICAL CHARACTERISTICS FOR WRITE OPERATIONS
(V
CC = 5V ± 10%, T
A = -55 TO +125° C)
PARAMETER
SYMBOL
SUBGROUPS
MIN1
MAX
UNIT


Similar Part No. - 79C0408RT1FK20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0408RT1FK-12 MAXWELL-79C0408RT1FK-12 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0408RT1FK-15 MAXWELL-79C0408RT1FK-15 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0408RT1FK-20 MAXWELL-79C0408RT1FK-20 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
More results

Similar Description - 79C0408RT1FK20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
   UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
   UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com