Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAL1060-181MEC Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # XAL1060-181MEC
Description  Shielded Power Inductors ??XAL1060
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL1060-181MEC Datasheet(HTML) 3 Page - Coilcraft lnc.

  XAL1060-181MEC Datasheet HTML 1Page - Coilcraft lnc. XAL1060-181MEC Datasheet HTML 2Page - Coilcraft lnc. XAL1060-181MEC Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
HIGH TEMPERA
TURE
Document 812-3
Document 812-3 Revised 07/25/12
ShieldedPowerInductors– XAL1060
Dimensions are in
inches
mm
ESR vs Frequency
L vs Frequency
-40 -20
020406080
100
180
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
0.445 ±0.020
11,3 ±0,5
0.394 ±0.020
10,0 ±0,5
0.236
6,0
0.094
2,39
Recommended
Land Pattern
Dash
number
max
0.262
6,65
0.087 ±0.004
2,20 ±0,10
0.175 ±0.010
4,45 ±0,25
A
(see table)
B
(see table)
A
Dash
B
number
(in / mm)
(in / mm)
-181
0.406 / 10.31
0.445 / 11.31
-401
0.390 / 9.91
0.421 / 10.70
-681
0.374 / 9.50
0.398 / 10.11
-122
0.358 / 9.10
0.374 / 9.50
-152
0.358 / 9.10
0.374 / 9.50
-222
-332
0.343 / 8.71
0.351 / 8.91
-472
0.343 / 8.71
0.351 / 8.91
±0.008 in
±0,20 mm
0.351 / 8.91
0.362 / 9.21
0
5
10
15
20
25
30
35
40
45
50
0.1
1
100
10
Frequency (MHz)
0.1
1
10
0.1
1
100
10
Frequency (MHz)
1.5 µH
2.2 µH
3.3 µH
1.2 µH
0.68 µH
0.40 µH
0.18 µH
4.7 µH


Similar Part No. - XAL1060-181MEC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1060-181MEC COILCRAFT-XAL1060-181MEC Datasheet
201Kb / 3P
   Shielded Power Inductors ??XAL1060
More results

Similar Description - XAL1060-181MEC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL1060-181MEC COILCRAFT-XAL1060-181MEC Datasheet
201Kb / 3P
   Shielded Power Inductors ??XAL1060
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com