Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRE6603-472M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRE6603-472M
Description  SRE6603 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRE6603-472M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRE6603-472M Datasheet HTML 1Page - Bourns Electronic Solutions SRE6603-472M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Recommended Layout
Schematic
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
6.86
(0.270)
4.06
(0.160)
1.4
(0.055)
1.4
(0.055)
3.56
(0.140)
REF.
Soldering Profile
Features
Unit height of 2.9 mm
Inductance range: 1 to 10,000
μH
Rated current up to 3 A
RoHS compliant*
Applications
DC/DC converters
Power supplies for:
• Portable communication equipment
• Laptop computers
• Camcorders, HDTV, car audio systems
SRE6603 Series - Shielded SMD Power Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Voltage ....................................0.1 V
Reflow Soldering ... 230 °C, 50 sec max.
Operating Temperature
............................... -25 °C to +105 °C
(Temperature rise included)
Storage Temperature
............................... -40 °C to +125 °C
Resistance to Soldering Heat
...............................260 °C for 10 sec.
Electrical Characteristics
Bourns Part No.
Inductance
@ 100 KHz
L (
μH) ±20 %
Q
(Ref.)
Test
Frequency
(KHz)
SRF
(MHz)
Typ.
DCR
(
Ω)
Max.
I rms
(A)
I sat
(A)
SRE6603-1R0M
1.0
30
200
250
0.040
3.0
1.4
SRE6603-1R5M
1.5
30
200
125
0.045
2.8
0.93
SRE6603-2R2M
2.2
40
200
120
0.05
1.8
0.92
SRE6603-3R3M
3.3
40
200
120
0.055
1.6
0.75
SRE6603-4R7M
4.7
40
200
105
0.06
1.4
0.58
SRE6603-6R8M
6.8
40
200
50
0.065
1.2
0.58
SRE6603-100M
10
40
200
38
0.075
1.0
0.37
SRE6603-150M
15
40
100
33
0.09
0.80
0.31
SRE6603-220M
22
40
100
25
0.11
0.70
0.30
SRE6603-330M
33
40
100
20
0.19
0.60
0.24
SRE6603-470M
47
40
100
20
0.23
0.50
0.24
SRE6603-680M
68
40
100
15
0.29
0.40
0.17
SRE6603-101M
100
40
100
10
0.48
0.30
0.13
SRE6603-151M
150
40
100
9
0.59
0.26
0.10
SRE6603-221M
220
40
100
6
0.77
0.22
0.10
SRE6603-331M
330
40
100
5
1.4
0.20
0.07
SRE6603-471M
470
40
100
4
1.8
0.19
0.06
SRE6603-681M
680
40
100
3
2.2
0.18
0.055
SRE6603-102M
1000
40
100
2
3.4
0.15
0.045
SRE6603-152M
1500
50
100
2
4.2
0.12
0.035
SRE6603-222M
2200
50
100
2
8.5
0.10
0.028
SRE6603-332M
3300
50
100
1
11
0.08
0.024
SRE6603-472M
4700
50
100
1
13.9
0.06
0.021
SRE6603-682M
6800
50
100
1
25
0.04
0.019
SRE6603-103M
10,0000
50
100
0.8
32.8
0.02
0.017
General Specifications
Core..............................................Ferrite
Wire ........................... Enameled copper
Base ......................................... Ceramic
Adhesive.............................. Epoxy resin
Terminal ................................... Ag/Ni/Au
Rated Current
..............Ind. drop of 30 % typ. at Isat
Temperature Rise .. 40 °C typical at Irms
Packaging.....2000 pcs. per 13-inch reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
4.32 ± 0.3
(0.170 ± 0.012)
3.90 ± 0.3
(0.154 ± 0.012)
6.60
(0.260)
MAX.
1.02 ± 0.2
(0.040 ± 0.008)
4.45
(0.175)
MAX.
2.92
(0.115)
MAX.
1.27 ± 0.2
(0.050 ± 0.008)


Similar Part No. - SRE6603-472M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRE6603-472M BOURNS-SRE6603-472M Datasheet
270Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRE6603-472M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com