Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH125NP-180M Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH125NP-180M
Description  Power Inductors Type: CDRH Series>
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH125NP-180M Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH125NP-180M Datasheet HTML 1Page - Sumida Corporation CDRH125NP-180M Datasheet HTML 2Page - Sumida Corporation CDRH125NP-180M Datasheet HTML 3Page - Sumida Corporation CDRH125NP-180M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH125, CDRH125/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
4/4
※ Description of part name
CDRH125NP-100M
※1. Rated current: The DC current at which the inductance decreases to 75% of its nominal value
or when
△t=40℃, whichever is lower(Ta=20℃).
Part No.
Stamp
Inductance
(
μH)
D.C.R
( )
[Typ.]
D.C.R
( )
[Max.]
Rated
current
(A)
※1
Measuring
frequency
CDRH125/LDNP-181M
181
180
±20%
0.259
0.335
1.14
100KHz
CDRH125/LDNP-221M
221
220
±20%
0.303
0.395
1.08
100KHz
CDRH125/LDNP-271M
271
270
±20%
0.403
0.520
0.94
100KHz
CDRH125/LDNP-331M
331
330
±20%
0.547
0.710
0.85
100KHz
CDRH125/LDNP-391M
391
390
±20%
0.614
0.800
0.77
100KHz
CDRH125/LDNP-471M
471
470
±20%
0.711
0.920
0.72
100KHz
CDRH125/LDNP-561M
561
560
±20%
0.956
1.20
0.67
100KHz
CDRH125/LDNP-681M
681
680
±20%
1.08
1.35
0.57
100KHz
CDRH125/LDNP-821M
821
820
±20%
1.17
1.40
0.51
100KHz
CDRH125/LDNP-102M
102
1000
±20%
1.62
1.95
0.46
100KHz
B
Box
C
Carrier Tape


Similar Part No. - CDRH125NP-180M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125NP-180M SUMIDA-CDRH125NP-180M Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125NP-180M SUMIDA-CDRH125NP-180M Datasheet
189Kb / 4P
   Power Inductors
More results

Similar Description - CDRH125NP-180M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH127LDNP-470MC SUMIDA-CDRH127LDNP-470MC Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
CDRH8D28 SUMIDA-CDRH8D28_1 Datasheet
144Kb / 2P
   Power Inductors
CDRH8D38A SUMIDA-CDRH8D38A Datasheet
209Kb / 2P
   POWER INDUCTORS
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com