Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MFX-1.2 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3670MFX-1.2
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3670MFX-1.2 Datasheet(HTML) 5 Page - Texas Instruments

  LM3670MFX-1.2 Datasheet HTML 1Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 2Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 3Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 4Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 5Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 6Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 7Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 8Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM3670
www.ti.com
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range
(
−40°C ≤ TJ ≤ +125°C). Unless otherwise noted VIN = 3.6V, VOUT = 1.8V, IO = 150mA, EN = VIN
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage Range
(1)
2.5
5.5
V
VOUT
Fixed Output Voltage: 1.2V
2.5V
≤ VIN ≤ 5.5V
-2.0
+4.0
%
IO = 10 mA
2.5V
≤ VIN ≤ 5.5V
-4.5
+4.0
0 mA
≤ IO ≤ 150 mA
Fixed Output Voltage: 1.5V
2.5V
≤ VIN ≤ 5.5V
-2.5
+4.0
%
IO = 10 mA
2.5V
≤ VIN ≤ 5.5V
-5.0
+4.0
0 mA
≤ IO ≤ 350 mA
Fixed Output Voltage: 1.6V,
2.5V
≤ VIN ≤ 5.5V
-2.5
+4.0
%
1.875V
IO = 10 mA
2.5V
≤ VIN ≤ 5.5V
-5.5
+4.0
0 mA
≤ IO ≤ 350 mA
Fixed Output Voltage: 1.8V
2.5V
≤ VIN ≤ 5.5V
-1.5
+3.0
%
IO = 10 mA
2.5V
≤ VIN ≤ 5.5V
−4.5
+3.0
0 mA
≤ IO ≤ 350 mA
Fixed Output Voltage: 2.5V, 3.3V
3.6V
≤ VIN ≤ 5.5V
-2.0
+4.0
%
IO = 10 mA
3.6V
≤ VIN ≤ 5.5V
-6.0
+4.0
0 mA
≤ IO ≤ 350 mA
Adjustable Output Voltage
2.5V
≤ VIN ≤ 5.5V
-2.5
+4.5
%
(2)
IO = 10 mA
2.5V
≤ VIN ≤ 5.5V
-4.0
+4.5
0 mA
≤ IO ≤ 150 mA
Line_reg
Line Regulation
2.5V
≤ VIN ≤ 5.5V
0.26
%/V
IO = 10 mA
Load_reg
Load Regulation
150 mA
≤ IO ≤ 350 mA
0.0014
%/mA
VREF
Internal Reference Voltage
0.5
V
IQ_SHDN
Shutdown Supply Current
TA=85ºC
0.1
1
µA
IQ
DC Bias Current into VIN
No load, device is not switching
15
30
µA
(VOUT forced higher than
programmed output voltage)
VUVLO
Minimum VIN below which VOUT
V
2.4
will be disabled
RDSON (P)
Pin-Pin Resistance for PFET
VIN=VGS=3.6V
360
690
m
RDSON (N)
Pin-Pin Resistance for NFET
VIN=VGS=3.6V
250
660
m
ILKG (P)
P Channel Leakage Current
VDS=5.5V
0.1
1
µA
ILKG (N)
N Channel Leakage Current
VDS=5.5V
0.1
1.5
µA
ILIM
Switch Peak Current Limit
400
620
750
mA
η
Efficiency
ILOAD = 1 mA
91
(VIN = 3.6V, VOUT = 1.8V)
ILOAD = 10 mA
94
ILOAD = 100 mA
94
%
ILOAD = 200 mA
94
ILOAD = 300 mA
92
ILOAD = 350 mA
90
VIH
Logic High Input
1.3
V
VIL
Logic Low Input
0.4
V
(1)
The input voltage range recommended for the specified output voltages are given below: VIN = 2.5V to 5.5V for 0.7V ≤ VOUT <
1.875VVIN = ( VOUT + VDROP OUT) to 5.5V for 1.875 ≤ VOUT≤ 3.3VWhere VDROP OUT = ILOAD * (RDSON (P) + RINDUCTOR)
(2)
Output voltage specification for the adjustable version includes tolerance of the external resistor divider.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3670


Similar Part No. - LM3670MFX-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MFX-1.2 NSC-LM3670MFX-1.2 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MFX-1.2 NSC-LM3670MFX-1.2 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MFX-1.2 TI1-LM3670MFX-1.2 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
LM3670MFX-1.2/NOPB TI1-LM3670MFX-1.2/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MFX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com