Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670MFX-1.2 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3670MFX-1.2
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3670MFX-1.2 Datasheet(HTML) 1 Page - Texas Instruments

  LM3670MFX-1.2 Datasheet HTML 1Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 2Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 3Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 4Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 5Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 6Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 7Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 8Page - Texas Instruments LM3670MFX-1.2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1:10uH
VOUT
COUT
10uF
CIN
4.7uF
LM3670
VIN
2.5V to 5.5V
LM3670
www.ti.com
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Check for Samples: LM3670
1
FEATURES
APPLICATIONS
2
VOUT = Adj (0.7V min), 1.2, 1.5, 1.6, 1.8, 1.875,
Mobile Phones
2.5, 3.3V
HandHeld
2.5V
≤ VIN ≤ 5.5V
PDAs
15 µA Typical Quiescent Current
Palm-Top PCs
350 mA Maximum Load Capability
Portable Instruments
1 MHz PWM Fixed Switching Frequency (typ.)
Battery Powered Devices
Automatic PFM/PWM Mode Switching
DESCRIPTION
Available in Fixed Output Voltages as well as
The
LM3670
step-down
DC-DC
converter
is
an Adjustable Version
optimized for powering ultra-low voltage circuits from
SOT-23-5 Package
a single Li-Ion cell or 3 cell NiMH/NiCd batteries. It
Low Drop Out Operation - 100% Duty Cycle
provides up to 350 mA load current, over an input
Mode
voltage range from 2.5V to 5.5V. There are several
different fixed voltage output options available as well
Internal Synchronous Rectification for High
as an adjustable output voltage version.
Efficiency
Internal Soft Start
The device offers superior features and performance
for mobile phones and similar portable applications
0.1 µA Typical Shutdown Current
with complex power management systems. Automatic
Operates from a Single Li-Ion Cell or 3 Dell
intelligent switching between PWM low-noise and
NiMH/NiCd Batteries
PFM
low-current
mode
offers
improved
system
Only Three Tiny Surface-Mount External
control. During full-power operation, a fixed-frequency
1 MHz (typ). PWM mode drives loads from
∼70 mA to
Components Required (One Inductor, Two
350 mA max, with up to 95% efficiency. Hysteretic
Ceramic Capacitors)
PFM mode extends the battery life through reduction
Current Overload Protection
of the quiescent current to 15 µA (typ) during light
current
loads
and
system
standby.
Internal
synchronous rectification provides high efficiency (90
to 95% typ. at loads between 1 mA and 100 mA). In
shutdown mode (Enable pin pulled low) the device
turns off and reduces battery consumption to 0.1 µA
(typ.).
Typical Application
Figure 1. Fixed Output Voltage
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3670MFX-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670MFX-1.2 NSC-LM3670MFX-1.2 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MFX-1.2 NSC-LM3670MFX-1.2 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MFX-1.2 TI1-LM3670MFX-1.2 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultralow Voltage Circuits
LM3670MFX-1.2/NOPB TI1-LM3670MFX-1.2/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670MFX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
[Old version datasheet]   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com