Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4862M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4862M
Description  LM4862 675 mW Audio Power Amplifier with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4862M Datasheet(HTML) 2 Page - Texas Instruments

  LM4862M Datasheet HTML 1Page - Texas Instruments LM4862M Datasheet HTML 2Page - Texas Instruments LM4862M Datasheet HTML 3Page - Texas Instruments LM4862M Datasheet HTML 4Page - Texas Instruments LM4862M Datasheet HTML 5Page - Texas Instruments LM4862M Datasheet HTML 6Page - Texas Instruments LM4862M Datasheet HTML 7Page - Texas Instruments LM4862M Datasheet HTML 8Page - Texas Instruments LM4862M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM4862
SNAS102F – MAY 1997 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation(3)
Internally limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
150°C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
Thermal Resistance
θJC (typ)—D0008A
35°C/W
θJA (typ)—D0008A
170°C/W
θJC (typ)—P0008E
37°C/W
θJA (typ)—P0008E
107°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TMAX − TA)/θJA. For the LM4862, TJMAX = 150°C. The typical junction-to-
ambient thermal resistance, when board mounted, is 170°C/W for package number D0008A and is 107°C/W for package number
P0008E.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
Machine Model, 200 pF–240 pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
2
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM4862


Similar Part No. - LM4862M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4862M NSC-LM4862M Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4862M TI-LM4862M Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
LM4862M/NOPB TI-LM4862M/NOPB Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
LM4862MX/NOPB TI-LM4862MX/NOPB Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4862M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
BCD Semiconductor Manuf...
AA4003 BCDSEMI-AA4003 Datasheet
504Kb / 18P
   2W STEREO AUDIO POWER AMPLIFIER WITH SHUTDOWN
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com