Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM98714 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM98714
Description  LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM98714 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98714 Datasheet HTML 3Page - Texas Instruments LM98714 Datasheet HTML 4Page - Texas Instruments LM98714 Datasheet HTML 5Page - Texas Instruments LM98714 Datasheet HTML 6Page - Texas Instruments LM98714 Datasheet HTML 7Page - Texas Instruments LM98714 Datasheet HTML 8Page - Texas Instruments LM98714 Datasheet HTML 9Page - Texas Instruments LM98714 Datasheet HTML 10Page - Texas Instruments LM98714 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM98714
www.ti.com
SNAS254 – OCTOBER 2006
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA,VR,VD,VC)
4.2V
Voltage on Any Input Pin
−0.3V to
(Not to exceed 4.2V)
(VA + 0.3V)
Voltage on Any Output Pin
−0.3V to
(except DVB and not to exceed 4.2V)
(VA + 0.3V)
DVB Output Pin Voltage
2.0V
Input Current at any pin other than Supply Pins (4)
±25 mA
Package Input Current (except Supply Pins) (4)
±50 mA
Maximum Junction Temperature (TA)
150°C
Thermal Resistance (
θJA)
66°C/W
Package Dissipation at TA = 25°C
(5)
1.89W
ESD Rating (6)
Human Body Model
2500V
Machine Model
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with TI’s Reflow Temperature Profile specifications. Refer to www.ti.com/packaging. (7)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to AGND = DGND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > VA or VD), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX – TA)/θJA. The values for maximum power dissipation
listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
(7)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature Range
0°C
≤ TA ≤ +70°C
All Supply Voltage
+3.0V to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to AGND = DGND = 0V, unless otherwise specified.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98714


Similar Part No. - LM98714

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98714 TI1-LM98714 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMT TI1-LM98714BCMT Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMT/NOPB TI1-LM98714BCMT/NOPB Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMTX TI1-LM98714BCMTX Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results

Similar Description - LM98714

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM98714 NSC-LM98714 Datasheet
598Kb / 12P
   Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
logo
Texas Instruments
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
   3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
logo
Texas Instruments
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
[Old version datasheet]   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
National Semiconductor ...
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
   3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
[Old version datasheet]   16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
[Old version datasheet]   CCD Analog Front-End with Timing Generator for Digital Cameras
logo
Burr-Brown (TI)
VSP5000 BURR-BROWN-VSP5000 Datasheet
170Kb / 19P
   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com