Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6082AIMX Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC6082AIMX
Description  LMC6082 Precision CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6082AIMX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6082AIMX Datasheet HTML 5Page - Texas Instruments LMC6082AIMX Datasheet HTML 6Page - Texas Instruments LMC6082AIMX Datasheet HTML 7Page - Texas Instruments LMC6082AIMX Datasheet HTML 8Page - Texas Instruments LMC6082AIMX Datasheet HTML 9Page - Texas Instruments LMC6082AIMX Datasheet HTML 10Page - Texas Instruments LMC6082AIMX Datasheet HTML 11Page - Texas Instruments LMC6082AIMX Datasheet HTML 12Page - Texas Instruments LMC6082AIMX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LMC6082
www.ti.com
SNOS630D – AUGUST 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VS = ±7.5V, TA = 25°C, Unless otherwise specified
Non-Inverting Large
Crosstalk Rejection
Signal Pulse Response
vs Frequency
Figure 21.
Figure 22.
Stability
Stability
vs
vs
Capacitive
Capacitive
Load, RL = 600Ω
Load RL = 1 MΩ
Figure 23.
Figure 24.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC6082


Similar Part No. - LMC6082AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082AIMX/NOPB TI1-LMC6082AIMX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
More results

Similar Description - LMC6082AIMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6082 TI1-LMC6082 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6082 Precision CMOS Dual Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IMNOPB TI1-LMC6062IMNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com